Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 9Page - Texas Instruments TPS62360 Datasheet HTML 10Page - Texas Instruments TPS62360 Datasheet HTML 11Page - Texas Instruments TPS62360 Datasheet HTML 12Page - Texas Instruments TPS62360 Datasheet HTML 13Page - Texas Instruments TPS62360 Datasheet HTML 14Page - Texas Instruments TPS62360 Datasheet HTML 15Page - Texas Instruments TPS62360 Datasheet HTML 16Page - Texas Instruments TPS62360 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Auto PFM/PWM, VOUT = 1.0V
Auto PFM/PWM, VOUT = 1.1V
Auto PFM/PWM, VOUT = 1.4V
TPS6236x
IOUT = 1A
TA = 25°C
G009
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Forced PWM, VOUT = 1.0V
Forced PWM, VOUT = 1.1V
Forced PWM, VOUT = 1.4V
Auto PFM/PWM, VOUT = 1.0V
Auto PFM/PWM, VOUT = 1.1V
Auto PFM/PWM, VOUT = 1.4V
TPS6236x
IOUT = 100mA
TA = 25°C
G010
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Forced PWM, VOUT = 1.0V
Forced PWM, VOUT = 1.1V
Forced PWM, VOUT = 1.4V
Auto PFM/PWM, VOUT = 1.0V
Auto PFM/PWM, VOUT = 1.1V
Auto PFM/PWM, VOUT = 1.4V
TPS6236x
IOUT = 10mA
TA = 25°C
G011
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
1m
10m
100m
1
3
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62361B
VOUT = 1.5V
TA = 25°C
G012
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
IOUT = 1A
IOUT = 100mA
Figure 11.
Figure 12.
EFFICIENCY
DC OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
IOUT = 10mA
VOUT = 1.5V
Figure 13.
Figure 14.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com