Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62360 Datasheet HTML 1Page - Texas Instruments TPS62360 Datasheet HTML 2Page - Texas Instruments TPS62360 Datasheet HTML 3Page - Texas Instruments TPS62360 Datasheet HTML 4Page - Texas Instruments TPS62360 Datasheet HTML 5Page - Texas Instruments TPS62360 Datasheet HTML 6Page - Texas Instruments TPS62360 Datasheet HTML 7Page - Texas Instruments TPS62360 Datasheet HTML 8Page - Texas Instruments TPS62360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
THERMAL INFORMATION
TPS6236x
THERMAL METRIC(1)
YZH
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance(2)
94.8
θJCtop
Junction-to-case (top) thermal resistance(3)
25
θJB
Junction-to-board thermal resistance(4)
60
°C/W
ψJT
Junction-to-top characterization parameter(5)
3.2
ψJB
Junction-to-board characterization parameter(6)
57
θJCbot
Junction-to-case (bottom) thermal resistance(7)
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range, VIN
IOUT ≤ 2.5A
2.5
5.5
V
IOUT > 2.5A
3
5.5
V
IOUT
Max. continuous output current(1)
2.5
A
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Drawing continuously more than 2.5A might impact the device life time. SeeTHERMAL AND DEVICE LIFE TIME INFORMATION for
details.
ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies for VIN = 3.6V over an operating ambient temp.
–40°C ≤ TA ≤ 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VIN
Input voltage range at VIN, AVIN
2.5
5.5
V
VDD
I2C and registers supply voltage range
1.15
3.6
V
ISD(AVIN)
Shutdown current into AVIN
EN = LOW, VDD = 0V
0.65
5
µA
TA = 25°C
0.5
1
µA
EN = LOW,
ISD(VIN)
Shutdown current into VIN
VDD = 0V
TA = 85°C
1
3
µA
ISD(VDD)
Shutdown current into VDD
EN = LOW, I2C bus idle
0.01
µA
PFM mode
56
µA
EN = HIGH,
Operating quiescent current into (AVIN +
Forced PWM
IQ
IOUT = 0mA,
VIN)
mode
180
µA
not switching
(Test Mode)
Input voltage falling, EN = High
2.3
2.45
V
VUVLO
Under voltage lock out at AVIN
Input voltage rising, EN = Low
1.3
V
VUVLO,HYST(AVI
Under voltage lock out hysteresis at AVIN
Input voltage rising
110
mV
N)
VDD,UVLO
Under voltage lock out at VDD
Input voltage falling
0.7
0.92
1.1
V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com