Electronic Components Datasheet Search
  English  ▼

X  

SK84L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK84L
Description  8.0 Amp Schottky Rectifier 20 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK84L Datasheet(HTML) 2 Page - Micro Commercial Components

  SK84L Datasheet HTML 1Page - Micro Commercial Components SK84L Datasheet HTML 2Page - Micro Commercial Components SK84L Datasheet HTML 3Page - Micro Commercial Components SK84L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SK82L thru SK810L
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
60
80
120
140
160
180
0
2.0
4.0
6.0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
100
8.0
10
12
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
10
20
60
100
200
100
0
Junction Capacitance - pF versus
Reverse Voltage - Volts
pF
Volts
600
400
40
400
1000
TJ=25°C
MCC
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Volts
40
60
200
100
Amps
.2
1.2
.4
.6
.8
1.0
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
400
600
1000
1.4
SK82L-SK86L
SK88L-SK810L
TM
Micro Commercial Components
Average Forward Rectified Current - Amperesversus
Junction Temperature -
°C
www.mccsemi.com
2 of 4
Revision: A
2011/02/23



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com