Electronic Components Datasheet Search
  English  ▼

X  

SK84L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK84L
Description  8.0 Amp Schottky Rectifier 20 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK84L Datasheet(HTML) 1 Page - Micro Commercial Components

  SK84L Datasheet HTML 1Page - Micro Commercial Components SK84L Datasheet HTML 2Page - Micro Commercial Components SK84L Datasheet HTML 3Page - Micro Commercial Components SK84L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Typical Thermal Resistance: 18
oC/W Junction to Lead
SK82L
SK82
20V
14V
20V
SK83L
SK83
30V
21V
30V
SK835L
SK835
35V
24.5V
35V
SK84L
SK84
40V
28V
40V
SK845L
SK845
45V
31.5V
45V
SK86L
SK86
60V
42V
60V
SK88L
SK88
80V
56V
80V
SK810L
SK810
100V
70V
100V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TJ=95
oC
Peak Forward
Surge Current
IFSM
200A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
SK82L-86L
.65V
SK88L-810L
.80V
VF
IFM=8.0A
TA=25
oC
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
1mA
20mA
TJ=25
oC
TJ=100
oC
Typical Junction
Capacitance
C J
400pF
Measured at
1.0MHz,
V R=4.0V
SK82L
THRU
SK810L
8.0 Amp
Schottky Rectifier
20 to 100 Volts
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
A
B
C
DO-214AB
(SMC) (
LEAD FRAME)
TM
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
www.mccsemi.com
1 of 4
Revision: A
2011/02/23
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
High Current Capability
•
Low Forward Voltage
•
For Surface Mount Application
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•


Similar Part No. - SK84L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK84L MCC-SK84L Datasheet
365Kb / 3P
8.0 Amp Schottky Rectifier 20 to 100 Volts
SK84L MCC-SK84L Datasheet
198Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Application
SK84L MCC-SK84L Datasheet
198Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts
SK84L-TP MCC-SK84L-TP Datasheet
198Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK84L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK82L MCC-SK82L Datasheet
365Kb / 3P
8.0 Amp Schottky Rectifier 20 to 100 Volts
MBRB820 MCC-MBRB820_11 Datasheet
225Kb / 3P
8.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
SK82L MCC-SK82L_13 Datasheet
198Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Application
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK84L-TP MCC-SK84L-TP Datasheet
198Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts
MBRB820 MCC-MBRB820_17 Datasheet
212Kb / 3P
Schottky Barrier Rectifier 20 to 100 Volts 8.0 Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com