Electronic Components Datasheet Search
  English  ▼

X  

PC450T11 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC450T11
Description  Photocoupler with Built-in Breakdown Diode for Surge Voltage Absorption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC450T11 Datasheet(HTML) 3 Page - Sharp Corporation

  PC450T11 Datasheet HTML 1Page - Sharp Corporation PC450T11 Datasheet HTML 2Page - Sharp Corporation PC450T11 Datasheet HTML 3Page - Sharp Corporation PC450T11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC450T11
0
200
150
100
50
170
0
25
50
75
100
125
Ambient temperature T a (˚C)
-30
Temperature
Duty ratio
5
5
10
20
100
50
200
500
2
10 -3
10 -2
5
2
10 -1
5
2
5
Pulse width <=100
µs
Fig. 3 Power Dissipation vs. Ambient
Fig. 4 Peak Forward Current vs. Duty Ratio
1
2
5
20
10
50
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25˚C
0˚C
- 25˚C
75˚C
Forward voltage V F (V)
Forward Voltage
0.1
1.0
10
100
0
50
5.0
0.5V
Forward current I F ( mA )
V CE =2V
Forward Current
0
1.0
2.0
3.0
0
100
80
60
40
20
4.0
5.0
0.5mA
1mA
1.5mA
2mA
3mA
5mA
2.5mA
Collector-emitter voltage V CE (V)
-emitter Voltage
Pc (max)
0
20406080
100
0
50
100
150
-30
Ambient Temperature
Fig. 5 Forward Current vs.
Fig. 6 Current Tranfer Ratio vs.
Fig. 7 Collector Current vs. Collector
Fig. 8 Relative Current Transfer Ratio vs.
Ambient temperature T a (˚C)
Ta = 25˚C
Ta = 25˚C
Ta = 25˚C
IF = 10mA
IF = 1mA
VCE =5V
10000
5000
2000
1000
5000
4000
3000
2000
1000
1
50˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com