Electronic Components Datasheet Search
  English  ▼

X  

PC450T11 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC450T11
Description  Photocoupler with Built-in Breakdown Diode for Surge Voltage Absorption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC450T11 Datasheet(HTML) 4 Page - Sharp Corporation

  PC450T11 Datasheet HTML 1Page - Sharp Corporation PC450T11 Datasheet HTML 2Page - Sharp Corporation PC450T11 Datasheet HTML 3Page - Sharp Corporation PC450T11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC450T11
0.1
0
20406080
100
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-30
Ambient temperature T a (˚C)
Ambient Temperature
0
40
80
100
60
20
10 -3
10 -4
10 -5
10 -6
10 -7
10 -8
10 -9
Ambient temperature T a (˚C)
-30
Ambient Temperature
0.01
0.1
1
10
100
10
1
t s
t d
t f
t r
100mA
70mA
50mA
30mA
10mA
8.0
6.0
4.0
2.0
0
0
1.0
2.0
3.0
4.0
5.0
10
Forward current I F ( mA )
vs. Forward Current
Fig.9 Collector-emitter Saturation Voltage vs.
Fig.10 Collector Dark Current vs.
Fig.12 Collector-emitter Saturation Voltage
IF = 10mA
IC = 100mA
VCE = 20V
VCE =2V
IC = 2mA
Ta = 25˚C
IC = 5mA
Ta = 25˚C
1000
Please refer to the chapter “Precautions for Use. ”
Load resistance ( k
Ω )
Fig.11 Response Time vs. Load Resistance
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com