Electronic Components Datasheet Search
  English  ▼

X  

PC716V Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC716V
Description  High Sensitivity, High Output Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC716V Datasheet(HTML) 1 Page - Sharp Corporation

  PC716V Datasheet HTML 1Page - Sharp Corporation PC716V Datasheet HTML 2Page - Sharp Corporation PC716V Datasheet HTML 3Page - Sharp Corporation PC716V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC716V
PC716V
Type Photocoupler
High Sensitivity, High Output
*3 For 10 seconds
s Features
1. High current transfer ratio
2. High collector power dissipation
3. High isolation voltage between input and
( Pc : 300mW )
output
( Viso
s Applications
1. DC-DC SSRs
2. Power monitors, welding machines
3. System appliances, measuring instruments
4. Signal transmission between circuits of
different potentials and impedances
Internal connection
diagram
Anode mark
θ
θ
PC716V
s Outline Dimensions
( Unit : mm)
s Absolute Maximum Ratings
( Ta = 25˚C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
200
mA
Collector power dissipation
P C
300
mW
Total power dissipation
*2Isolation voltage
Operating temperature
Storage temperature
*3Soldering temperature
P tot
350
mW
V iso
T opr
- 25 to + 100
˚C
T stg
- 40 to + 125
˚C
T sol
260
˚C
*1 Pulse width<=100
µs, Duty ratio : 0.001
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
123
6
5
4
12
3
65
4
1 Anode
2 Cathode
3 NC
4 Emitter
5 Collector
6 NC
gg TUV ( VDE0884 ) approved type is also available as an option.
4. Recognized by UL, file No. E64380
5 000
*2 40 to 60% RH, AC for 1 minute
: 5 000V rms )
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC716VI/PC716VP )
V rms
θ = 0 to 13
1.2 ± 0.3
0.9 ± 0.2
7.12 ± 0.5
7.62 ± 0.3
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
..
( CTR : MIN. 1 000% at IF = 1mA, V CE =2V )


Similar Part No. - PC716V

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
PC712A SWITCH-PC712A Datasheet
89Kb / 1P
POWER JAX
PC712AH SWITCH-PC712AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC712AH SWITCH-PC712AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC712AH. SWITCH-PC712AH. Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
logo
Sharp Corporation
PC713V SHARP-PC713V Datasheet
395Kb / 4P
High Isolation Voltage Type, General Purpose Photocoupler
More results

Similar Description - PC716V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC715V SHARP-PC715V Datasheet
66Kb / 4P
High Sensitivity Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC815 SHARP-PC815 Datasheet
112Kb / 4P
High Sensitivity, High Density Mounting Type Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC845 SHARP-PC845 Datasheet
106Kb / 5P
High Sensitivity, High Density Mounting Type Photocoupler
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC3Q65 SHARP-PC3Q65 Datasheet
52Kb / 4P
High Sensitivity Type Half Pitch Photocoupler
PC3H5 SHARP-PC3H5 Datasheet
48Kb / 4P
High Sensitivity Type Half Pitch Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com