Electronic Components Datasheet Search
  English  ▼

X  

PC716V Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC716V
Description  High Sensitivity, High Output Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC716V Datasheet(HTML) 3 Page - Sharp Corporation

  PC716V Datasheet HTML 1Page - Sharp Corporation PC716V Datasheet HTML 2Page - Sharp Corporation PC716V Datasheet HTML 3Page - Sharp Corporation PC716V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.1
0.2
0.5
1
2
5
Forward current I F ( mA )
0
0
4
12345
10
9
8
7
6
8
12
16
20
24
28
32
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
0.1mA
36
0
0
20
200
12345
40
60
80
100
120
140
160
180
5mA
2mA
1mA
100
0
50
150
Ambient Temperature
0
0.2
-25
0.4
0.6
0.8
1.0
10 -9
10 -8
10 -7
10 -6
10 -5
10 -4
10 -3
10 -10
-25
5
5
5
5
5
5
5
Ambient Temperature
Fig. 5 Current Transfer Ratio vs.
Forward Current
Collector-emitter Voltage
Collector-emitter voltage V CE (V)
Collector-emitter Voltage
Fig. 7 Relative Current Transfer Ratio vs.
vs. Ambient Temperature
Fig. 8 Collector-emitter Saturation Voltage
Fig. 9 Collector Dark Current vs.
Ambient temperature T a (˚C)
Collector-emitter voltage V CE (V)
Ambient temperature T a (˚C)
PC716V
-25
Ta = 25˚C
Ambient temperature T a (˚C)
Fig. 6-a Collector Current vs.
Fig. 6-b Collector Current vs.
VCE =2V
IF = 1mA
VCE =2V
IF = 20mA
IC = 10mA
VCE = 10V
0
255075
100
0
255075
100
0
255075
100
Ta = 25˚C
IF = 0.7mA
Ta = 25˚C
I F=
P C ( MAX.)
10 000
8 000
6 000
4 000
2 000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com