Electronic Components Datasheet Search
  English  ▼

X  

PC733 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC733
Description  AC Input Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC733 Datasheet(HTML) 1 Page - Sharp Corporation

  PC733 Datasheet HTML 1Page - Sharp Corporation PC733 Datasheet HTML 2Page - Sharp Corporation PC733 Datasheet HTML 3Page - Sharp Corporation PC733 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC733
PC733
AC Input Type Photocoupler
s Features
1. AC input response
2. High isolation voltage between input and
3. Current transfer ratio
4. Low collector dark current
5. TTL compatible output
s Applications
1. Telephone sets
2. Programmable controllers
3. System appliances, measuring instruments
4. Signal transmission between circuits of
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
PC733
θ
diagram
Internal connection
θ
output ( Viso
CTR : MIN. 15% at I F = ± 1mA, VCE =5V
( ICEO : MAX. 10 -7A at VCE = 20V)
different potentials and impedances
s Outline Dimensions
( Unit : mm )
s Absolute Maximum Ratings
( Ta = 25˚C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
mA
*1 Pead forward current
I FM
A
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector-base voltage
VCBO
35
V
Emitter-base voltage
VEBO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
*2 Isolation voltage
Operating temperature
Storage temperature
*3 Soldering temperature
Ptot
170
mW
Viso
Vrms
Topr
- 25 to + 100
˚C
Tstg
- 40 to + 125
˚C
Tsol
260
˚C
g Lead forming type ( I type ) is also available. ( PC733I
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
12
3
4
5
6
65
4
3
2
1
1
Anode, cathode
2
Anode, cathode
3
NC
4
Emitter
5
Collector
6
Base
6. Recognized by UL, file No. E64380
Primary side mark
(Sunken place )
5 000
*2 40 to 60% RH, AC for 1 minute
)
: 5 000Vrms )
±50
±1
θ = 0 to 13 ˚
1.2 ± 0.3
9.22 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
7.62 ± 0.3


Similar Part No. - PC733

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
More results

Similar Description - PC733

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
Mini-flat Package, AC Input Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC813 SHARP-PC813 Datasheet
91Kb / 5P
AC Input Type & High Noise Reduction Type Photocoupler
PC814 SHARP-PC814 Datasheet
74Kb / 5P
AC Input Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
High Transfer Efficiency AC Input Type Photocoupler
logo
Everlight Electronics C...
H11AAX_0809 EVERLIGHT-H11AAX_0809 Datasheet
411Kb / 12P
AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com