Electronic Components Datasheet Search
  English  ▼

X  

PC733 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC733
Description  AC Input Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC733 Datasheet(HTML) 3 Page - Sharp Corporation

  PC733 Datasheet HTML 1Page - Sharp Corporation PC733 Datasheet HTML 2Page - Sharp Corporation PC733 Datasheet HTML 3Page - Sharp Corporation PC733 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC733
Duty ratio
5
5
10
20
100
50
200
500
2
10 -3
10 -2
5
2
10 -1
5
2
5
0.1
0.5
0.2
1
2
5
10
60
40
20
0
20
50
80
Forward current I F ( mA )
Ambient Temperature
0
25
- 25
0
25
50
75
100
50
75
100
125
150
0
0
10
123456789
10
20
30
40
50
40mA
30mA
20mA
10mA
5mA
Fig. 8 Collector Current vs.
Collector-emitter Voltage
Collector-emitter voltage V CE (V)
Fig. 5 Peak Forward Current vs. Duty Ratio
Fig. 7 Current Transfer Ratio vs.
Forward Current
Fig. 9 Relative Current Transfer Ratio vs.
Fig.10 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T (˚C)
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
Forward Voltage
Forward voltage V F (V)
Fig. 6 Forward Current vs.
Pulse width<=100
µ s
100
80
Ta = 25˚C
a
1
50˚C
25˚C
0˚C
- 25˚C
Ta = 75˚C
100
0
50
150
-25
0
25
50
75
100
Ambient temperature Ta ( ˚C )
Ta = 25˚C
RBE =
VCE =5V
Ta = 25˚C
RBE =
P C ( MAX.)
IF = 50mA
RBE =
IC = 1mA
IF = 20mA
10 000
5 000
2 000
1 000
IF = 1mA
VCE =5V
RBE =



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com