Electronic Components Datasheet Search
  English  ▼

X  

AMLB-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AMLB-Z
Description  Up to 700mA | Step Up LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLB-Z Datasheet(HTML) 1 Page - AIMTEC

  AMLB-Z Datasheet HTML 1Page - AIMTEC AMLB-Z Datasheet HTML 2Page - AIMTEC AMLB-Z Datasheet HTML 3Page - AIMTEC AMLB-Z Datasheet HTML 4Page - AIMTEC AMLB-Z Datasheet HTML 5Page - AIMTEC AMLB-Z Datasheet HTML 6Page - AIMTEC AMLB-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AMLB-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 7
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage (V)
Vo-Vin≥5V
Output
Current (mA)
Max Capacitive
load (µF)
Efficiency
(%)
Ripple & Noise
(mV p-p)
AMLB-3615Z
9-36
14-48
150
100
90
350
AMLB-3625Z
9-36
14-48
250
100
92
450
AMLB-3630Z
9-36
14-48
300
100
92
450
AMLB-3635Z
9-36
14-48
350
100
92
600
AMLB-3650Z
9-36
14-45 (Vin:9V-18V)
500
47
93
650
23-48 (Vin: 18V-36V)
AMLB-3660Z
9-36
14-38 (Vin:9V-18V)
600
47
93
650
23-48 (Vin: 18V-36V)
AMLB-3670Z
9-36
14-32 (Vin:9V-18V)
700
47
94
700
23-48 (Vin: 18V-36V
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
9-36
VDC
Filter
Capacitor
Absolute Maximum Rating
38
VDC
Peak Input Voltage time
100
ms
DC/DC ON (Leave open if not used)
ON –Open
DC/DC OFF
OFF(shutdown) – 0V
Remote pin drive current
VON/OFF
≤ 3V
<1.5
µA
Quiescent Input Current in Shutdown
mode
(Vin : 9V-32V)
1.3
mA
(Vin : 32V-36V)
8
Analog and PWM Dimming
Control(Leave open if unused) (DIM)
Absolute Maximum Ratings: 8V
Analog DIM input voltage rang
0.4 to 1.7
V
Analog Adjust Output Current
0-100
%
DIM Pin Drive Current
0.3≤Vdim≤1.3V
<1.5
µA
PWM Control Voltage Range Limits
1.7≤Vdim≤5.0
V
PWM Recommended Operating
Frequency
100Hz-100KHz
PWM Adjust Output Current
0-100
%
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Output Voltage range
See model table
14-48
VDC
Output current
Vout-Vin≥5V
See model table
Short Circuit protection
Automatic Recovery (Cut-off Output)
Over Voltage Protection
52.5
Vdc
Under Voltage Protection
Cool Start
≤7.6
V
Soft Start Time
50
ms
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
20MHz Bandwidth
See model table
• Step UP DC/DC LED driver
• Operating Temperature -40ºC to +85ºC
• Constant current output
• High efficiency up to 94%
• Soft Start
• Open and Short circuit LED Protection
• 2”x1” case package
• Drives LED strings of up to 48V
• PWM/Digital and Analog Voltage dimming


Similar Part No. - AMLB-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_16 Datasheet
345Kb / 7P
Up to 900mA | Step Up LED Driver
More results

Similar Description - AMLB-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
up to 700mA | AC-DC LED driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
up to 700mA | AC-DC LED driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
Up to 700mA | LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
Up to 700mA | Step Up LED Driver
AMLDL-RZ AIMTEC-AMLDL-RZ Datasheet
1Mb / 17P
Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
Up to 700mA | LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
Up to 700mA | Step Up LED Driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com