Electronic Components Datasheet Search
  English  ▼

X  

AMLB-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AMLB-Z
Description  Up to 700mA | Step Up LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLB-Z Datasheet(HTML) 4 Page - AIMTEC

  AMLB-Z Datasheet HTML 1Page - AIMTEC AMLB-Z Datasheet HTML 2Page - AIMTEC AMLB-Z Datasheet HTML 3Page - AIMTEC AMLB-Z Datasheet HTML 4Page - AIMTEC AMLB-Z Datasheet HTML 5Page - AIMTEC AMLB-Z Datasheet HTML 6Page - AIMTEC AMLB-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series AMLB-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
4 of 7
North America only
EN55022 Class B Filter Suggestion:
Application circuit examples:
SW
Vout
ON
0V
OFF
normal
AMLB-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
1
4
3
EN
2
5
6
AMLB-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
PWM/Analog
Dimming Control
1
1
1
4
3
2
5
6
EN
AMLB-Z
+Vin
-Vin
+
DIM
1st LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
AC In
AC In
6.5Vac
to 25Vac
Last LED
-
0.1uF
optional
100uF to
330uF
1
4
2
EN
3
5
6
AMLB-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
1
4
3
2
5
6
SW
ON
OFF
EN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com