Electronic Components Datasheet Search
  English  ▼

X  

ECMF04-4AMX12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ECMF04-4AMX12
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4AMX12 Datasheet(HTML) 3 Page - STMicroelectronics

  ECMF04-4AMX12 Datasheet HTML 1Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 2Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 3Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 4Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 5Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 6Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 7Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 8Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ECMF04-4AMX12
Characteristics
Doc ID 17793 Rev 2
3/13
Figure 7.
Scc41 / Scc23 inter-lane common-mode cross-coupling measurements (Z0 com = 50 Ω)
Figure 3.
Sdd21 differential attenuation
measurements (Z0 diff = 100 Ω)
Figure 4.
Scc21 common mode attenuation
measurements (Z0 com = 50 Ω)
300k
1M
3M
10M
30M
100M 300M
1G
3G
- 3
- 2.8
- 2.6
- 2.4
- 2.2
- 2
- 1.8
- 1.6
- 1.4
- 1.2
- 1
- 0.8
- 0.6
- 0.4
- 0.2
0
F(Hz)
dB
300k
1M
3M
10M
30M
100M 300M
1G
3G
- 36
- 34
- 32
- 30
- 28
- 26
- 24
- 22
- 20
- 18
- 16
- 14
- 12
- 10
- 8
- 6
- 4
- 2
0
F(Hz)
dB
Figure 5.
Sdd11, Sdd22 differential return loss
measurements (Z0 diff = 100 Ω)
Figure 6.
Sdd41 / Sdd23 inter-lane differential
cross-coupling measurements
(Z0 diff = 100 Ω)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-40
-35
-30
-25
-20
-15
-10
-5
0
S
dd11
S
dd22
F(Hz)
dB
300k
1M
3M
10M
30M
100M 300M
1G
3G
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
F(Hz)
0
dB
300k
1M
3M
10M
30M
100M 300M
1G
3G
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
F(Hz)
0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com