Electronic Components Datasheet Search
  English  ▼

X  

ECMF04-4AMX12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ECMF04-4AMX12
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4AMX12 Datasheet(HTML) 4 Page - STMicroelectronics

  ECMF04-4AMX12 Datasheet HTML 1Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 2Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 3Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 4Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 5Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 6Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 7Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 8Page - STMicroelectronics ECMF04-4AMX12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ECMF04-4AMX12
4/13
Doc ID 17793 Rev 2
Figure 10.
MIPI D-PHY low power mode test setup
Figure 11.
Low power pulse response - see Figure 10 for test setup
Figure 8.
ESD response to IEC 61000-4-2
(+8kV contact discharge)
Figure 9.
ESD response to IEC 61000-4-2
(-8kV contact discharge)
20 V/Div
20 ns/Div
50 V/Div
20 ns/Div
PIN 12
PIN 11
C2
C3
V
= 82 V
peak
V
= 110 V
peak
PIN 11
20 V/Div
20 ns/Div
50 V/Div
20 ns/Div
C2
C3
V
= -70 V
peak
PIN 12
V
= -115 V
peak
Generator Agilent 81110
Pattern mode, F=10MHz,
modulation RZ, 50
Ω output
CMF
Oscilloscope Lecroy
7300A, 1M
Ω input
500 mV/div
500 mV/div
200 ns/div
200 ns/div
Pulse: 50 ns, tr = tf = 5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com