Electronic Components Datasheet Search
  English  ▼

X  

MS6333Q Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6333Q
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333Q Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6333Q Datasheet HTML 2Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 3Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 4Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 5Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 6Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 7Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 8Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 9Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV 7
6/13
www.mosanalog.com
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, VSS=0V, f=1kHz, RL=32; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.30
1.35
1.40
V
VDC
Output DC level
1.30
1.35
1.40
V
VFS
Full scale output voltage
VFS=0.023663* RF *VDD
VFS-10%
VFS
VFS+10%
V
Mute on, code 0000H
-
2.5
3.7
mA
IQ
Quiescent current
Mute off, code 0000H
-
4.4
5.6
mA
IPD
Power down current
No digital input signal
-
9
17
uA
Mute on
0
-
0.9
V
VTM
Mute control voltage
Mute off
2.5
-
VDD
V
CAP=2.2uF (100Hz)
58
63
-
dB
PSRR
Power supply rejection ratio
CAP=10uF (100Hz)
67
72
-
dB
CS
Channel separation
76
82
-
dB
ATT
Mute attenuation
100
110
-
dB
AC Characteristics
Res
Resolution
-
-
16
bits
-
-64
-60
DB
THD+N
Total harmonic distortion plus
noise
RF=22k
-
0.063
0.1
%
S/N
Signal-to-noise ratio
84
90
-
dB
Po
Maximum output power
(THD+N)/S < 0.1%, 2 ch
28
33
-
mW
Vo
Maximum output voltage swing
(THD+N)/S < 0.1%
1.9
2
-
Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com