Electronic Components Datasheet Search
  English  ▼

X  

MS6333Q Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6333Q
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333Q Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6333Q Datasheet HTML 1Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 2Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 3Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 4Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 5Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 6Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 7Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 8Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV 7
1/13
www.mosanalog.com
16-Bit Stereo Audio DAC & Headphone Driver
Single Supply Voltage and Low Voltage
Low Power Consumption 8.9mW
Mute And Power Down Function
FEATURES
‧Operation range: 2.5V~6.5V
‧Excellent Power Supply Rejection Ratio(PSRR)
‧Reduced pop-noise circuit
‧Low power consumption
8.9mW at VDD=3.3V
‧Mute function
‧Power down function
‧Output voltage adjusted by the external resisters
‧Component less
‧No zero crossing distortion
‧Fast setting time permits 2*, 4*, and 8* oversampling
(serial
input)
or
double
speed
operation
at
4*
oversampling
‧Compatible with most of the Japanese input formats;
time multiplexed, two's complement, TTL input level.
The minimum HIGH voltage of TTL inputs(WS,
DATA and BCK) can be 1.8V for some special
application, but the operation voltage should not exceed
4.5V.
‧ Housed in 16 pin SSOP, QFN package
APPLICATIONS
‧Multimedia system, MP3, PDA, Portable Digital Audio.
DESCRIPTION
The MS6333 is an integrated 16-bits voltage-output Digital-to-Analog Converter (DAC) and class AB stereo
headphone driver. The MS6333 is with the excellent Power Supply Rejection Ratio(PSRR). It is fabricated in a CMOS
process and features extremely low power dissipation, small package size and easy application. The accuracy of the
matched coarse current sources, combined with the unique symmetrical decoding method, preclude zero-crossing
distortion and ensures high quality audio reproduction. These unique features, combined with its exceptional
performance, make the MS6333 ideally suited for use in digital audio equipment.
BLOCK DIAGRAM
DAC
+
-
+
-
AV
DD AVSS
DV
DD
DGND
CAP
HPV
DD
HP
VSS
BCK
WS
DATA
VOR-IN
VOR-OUT
VOL-IN
VOL-OUT
MS6333
MUTE
PD
Mute


Similar Part No. - MS6333Q

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6333Q MOSA-MS6333Q Datasheet
456Kb / 12P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
MS6333QTR MOSA-MS6333QTR Datasheet
456Kb / 12P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
More results

Similar Description - MS6333Q

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6332 MOSA-MS6332 Datasheet
238Kb / 7P
16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
MS6333 MOSA-MS6333 Datasheet
456Kb / 12P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6330 MOSA-MS6330 Datasheet
449Kb / 11P
16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6332 MOSA-MS6332_1 Datasheet
247Kb / 9P
16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com