Electronic Components Datasheet Search
  English  ▼

X  

MS6337GU Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6337GU
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337GU Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6337GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 13Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
10/20
www.mosanalog.com
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=3.3V
BTL 8ohm
VRR=-20dBV
DAC Active
VDD=2.7V
BTL 8ohm
VRR=-20dBV
DAC Active
VDD=5V
BTL 8ohm
VRR=-20dBV
DAC Active
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=5V
SE 32ohm
VRR=-20dBV
DAC Active
VDD=3.3V
SE 32ohm
VRR=-20dBV
DAC Active
VDD=2.7V
SE 32ohm
VRR=-20dBV
DAC Active
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=3.3V
BTL 8ohm
VRR=-20dBV
DAC SD
VDD=2.7V
BTL 8ohm
VRR=-20dBV
DAC SD
VDD=5V
BTL 8ohm
VRR=-20dBV
DAC SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com