Electronic Components Datasheet Search
  English  ▼

X  

MS6337GU Datasheet(PDF) 18 Page - MOSA ELECTRONICS

Part # MS6337GU
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337GU Datasheet(HTML) 18 Page - MOSA ELECTRONICS

Back Button MS6337GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 13Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 14Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 15Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 16Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 17Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 18Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 19Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
18/20
www.mosanalog.com
Demo board
1
5
2
3
6
4
Function description
Label 1: Supply Input
Supply voltage range is 2.7V to 6.5V.
Label 2: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 3: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 4: Digital Signal Input
Connected to digital audio formats as I2S, Right Justified.
Label 5: LED Indicator
The LEDs indicate the chip status and IR received status. It is red-dark blink once when the MCU has received the
function code correctly.
Label 6: Reset
All I/O pins are reset to default values.(Initial state: RJF, CAP_UP, DAC_SD, /SD_MODE, SD = 0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com