Electronic Components Datasheet Search
  English  ▼

X  

LL6263 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL6263
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL6263 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  LL6263 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL6263 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
MECHANICAL DATA
Case:JEDEC MINI-MELF,glass case
Weight: Approx 0.031 grams
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
60.0
V
nA
V
pF
ns
/mW
Storage temperature range
TSTG
Reverse breakdow n voltage
@ I
R=10
A
Symbols
VR
ELECTRICAL CHARACTERISTICS
IR
Termal resistance junction to ambient air
CJ
1.0
LL6263
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 60 V
CURRENT: 400 mW
MINI-MELF
GALAXY ELECTRICAL
mW
A
Value
Peak reverse voltage
60
400
1)
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Pow er dissipation (Infinite Heat Sink)
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
Ptot
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ V
R=50V
Junction capacitance
@ VR=0V,f=1MHz
Reverse recovery time @ I
F=IR=5mA,recover to 0.1 IR
Forw ard voltage drop @
I
F=1.0mA
0.3
1)Valid provided that electrodes are kept at ambient temperature.
Maximum single cycle surge 10
µs square w ave
200.0
2.2
2.0
I
F=15mA
VF
trr
Max.
Typ.
1.0
TJ
0.41
c-55 ---+ 150
125
www.galaxycn.com
BL
Document Number 0265015
1.
BLGALAXY ELECTRICAL
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
Dimensions in millimeter


Similar Part No. - LL6263

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL6263 DIODES-LL6263 Datasheet
57Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS30076 Rev. A-2
logo
General Semiconductor
LL6263 GE-LL6263 Datasheet
84Kb / 2P
Schottky Diodes
logo
EIC discrete Semiconduc...
LL6263 EIC-LL6263 Datasheet
36Kb / 2P
SCHOTTKY BARRIER DIODES
logo
SynSemi, Inc.
LL6263 SYNSEMI-LL6263 Datasheet
31Kb / 2P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL6263 GOOD-ARK-LL6263 Datasheet
112Kb / 2P
Small-Signal Diode Schottky Diodes
More results

Similar Description - LL6263

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com