Electronic Components Datasheet Search
  English  ▼

X  

LL6263 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL6263
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL6263 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  LL6263 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL6263 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0265015
2.
FIG.3 -- TYPICAL VARIATION OF REVERSE CURRENT AT
XXXXXXXXXVARIATION TEMPERATURES
LL6263
FIG.1 -- TYPICAL VARIATION OF FWD. CURRENT VS FWD.
XXXXXXXX-VOLTAGE FOR PRIMARY CONDUCTION THROUGH THE
XXXXXXXX-SCHOTTKY BARRIER
FIG.2 -- TYPICAL FORWARD CONDUCTION CURVE OF
XXXXX COMBINATION SCHOTTKY BARRIER AND PN
XXXXX JUNCTION GUARD RING
RATINGS AND CHARACTERISTIC CURVES
FIG.4 -- TYPICAL CAPACITANCE CURVE AS A
XXXXX- JUNCTION OF REVERSE VOLTAGE
IF
0.01
0.02
0.05
0.1
01
VF
mA
V
1.0
2.0
10
0.5
5.0
0.5
0.2
0
00.5
1
80
20
40
60
100
IF
mA
V
VF
IR
0
20
40
30
VR
V
50
100
0.01
0.02
0.05
0.1
0.2
0.5
1
5
2
20
50
10
10
150
125℃
100℃
75℃
50
25℃
A
pF
V
CJ
VR
0
20
40
30
50
10
2
1
0
TJ=25
BLGALAXY ELECTRICAL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com