Electronic Components Datasheet Search
  English  ▼

X  

MS6610 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6610
Description  16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6610 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6610 Datasheet HTML 1Page - MOSA ELECTRONICS MS6610 Datasheet HTML 2Page - MOSA ELECTRONICS MS6610 Datasheet HTML 3Page - MOSA ELECTRONICS MS6610 Datasheet HTML 4Page - MOSA ELECTRONICS MS6610 Datasheet HTML 5Page - MOSA ELECTRONICS MS6610 Datasheet HTML 6Page - MOSA ELECTRONICS MS6610 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOSA
MS6610
16-bit current-output Digital-to-Analog Converter
REV 4
3/7
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, f=1kHz, Cap=1uF; unless otherwise specified)
SYM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DC Characteristics
VDD
Positive Supply Voltage
2.7
5
6.5
V
IQ
Quiescent current
at code 0000H
-
5.8
mA
I DD
Operating Current
IO=IFS
-
6.1
mA
Rref
Reference Resistor (Fig.1)
7.4
11.0
14.6
K
PSSR
Power Ripple Rejection Ratio
Cap=1uF, f=100Hz
Vripple=-20dBV
-
36
dB
CS
Channel Separation
f=1kHz
86
dB
AC Characteristics
Res
Resolution
16
bits
I FS
Full Scale Output Current
IFS = 0.2VDD
0.9
1.0
1.1
mA
Ptot
Total Power Dissipation
at code 0000H
29
mW
I bias
Bias Current (adjustable)
643
714
785
µA
-67
-62
dB
THD+N
Total
harmonic
distortion
plus
noise
f=1kHz
0.0447
0.0794
﹪
S/N
Signal-to-Noise Ratio
A-weighted
90
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com