Electronic Components Datasheet Search
  English  ▼

X  

MS6610 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6610
Description  16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6610 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6610 Datasheet HTML 1Page - MOSA ELECTRONICS MS6610 Datasheet HTML 2Page - MOSA ELECTRONICS MS6610 Datasheet HTML 3Page - MOSA ELECTRONICS MS6610 Datasheet HTML 4Page - MOSA ELECTRONICS MS6610 Datasheet HTML 5Page - MOSA ELECTRONICS MS6610 Datasheet HTML 6Page - MOSA ELECTRONICS MS6610 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MOSA
MS6610
16-bit current-output Digital-to-Analog Converter
REV 4
5/7
www.mosanalog.com
TIMING AND DATA FORMAT
The MS6610 accepts input serial data formats of 16-bit word length. Left and right data words are time
multiplexed. The MSB(bit 1) must always be First. The format of data input is shown in Figs. 2 and 3. With a LOW
level on the word select input(WS) input data is placed in the right input register and with HIGH level on the WS input
data is placed in the left register. The data in the input registers are simultaneously latched in the output registers which
control the bit switches. Internal bias currents IBL and IBR are each added to the full scale output current IFS in order
to achieve the maximum dynamic range at the outputs of OP1 and OP2(Fig. 1). The reference output voltage Vref(Fig.
1) is 2/3 VDD. In this way the maximum dynamic range is achieved over the entire power supply range.
RIGHT
WS
BCK
DATA
LSB
MSB
t
r
t
HB
t
f
t
cr
t
LB
t
HW
t
SW
LEFT
t
SD
t
HD
Fig.2
Timing and input signals.
0
1
2
15
14
13
2
1
0
MSB
LSB
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.3 Right justified format
DIGITAL INPUTS (WS, BCK, DATA)
SYM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input LOW TTL level
MS6323T
-
-
0.8
V
VIH
Input HIGH TTL level
MS6323T
2
-
-
V
f BCK
Input Clock Frequency
18.4
MHz
BR
Bit Rate Data Input (Pin 3)
18.4
Mbits/s
FWS
Word Select Input (Pin 2)
384
kHz
t r
Rise Time
12
ns
t f
Fall Time
12
ns
t Cr
Bit Clock Cycle Time
54
ns
t HB
Bit Clock High Time
15
ns
t LB
Bit Clock Low Time
15
ns
t SD
Data Set-up Time
12
ns
t HD
Data Hold Time to Bit Clock
2
ns
t HW
Word Select Hold Time
2
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com