Electronic Components Datasheet Search
  English  ▼

X  

MS6864 Datasheet(PDF) 15 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 15 Page - MOSA ELECTRONICS

Back Button MS6864 Datasheet HTML 11Page - MOSA ELECTRONICS MS6864 Datasheet HTML 12Page - MOSA ELECTRONICS MS6864 Datasheet HTML 13Page - MOSA ELECTRONICS MS6864 Datasheet HTML 14Page - MOSA ELECTRONICS MS6864 Datasheet HTML 15Page - MOSA ELECTRONICS MS6864 Datasheet HTML 16Page - MOSA ELECTRONICS MS6864 Datasheet HTML 17Page - MOSA ELECTRONICS MS6864 Datasheet HTML 18Page - MOSA ELECTRONICS MS6864 Datasheet HTML 19Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
15/21
www.mosanalog.com
APPLICATION INFORMATION
A base application circuit
PVSSR
AVDD
AVSS
PVDDL
PVDDR
SDA
SCL
2.4~6.5V
Power Amplifier Supply
1uF
PVSSL
1uF
0.1uF
MS6864
MCU
16
15
13
4
11
6
9
8
1uF
CAP
2.4~6.5V
Supply
1uF
2
RIN
14
LIN
3
R channel
L channel
10uF
OUTR-
OUTR+
12
10
100uF
1k
RL
8Ω
OUTL-
OUTL+
5
7
100uF
1k
RL
8Ω
Headphone Jack
VSS
1
10uF
100k
VDD
MCU
HP_sense
100k
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com