Electronic Components Datasheet Search
  English  ▼

X  

MS6864 Datasheet(PDF) 17 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 17 Page - MOSA ELECTRONICS

Back Button MS6864 Datasheet HTML 13Page - MOSA ELECTRONICS MS6864 Datasheet HTML 14Page - MOSA ELECTRONICS MS6864 Datasheet HTML 15Page - MOSA ELECTRONICS MS6864 Datasheet HTML 16Page - MOSA ELECTRONICS MS6864 Datasheet HTML 17Page - MOSA ELECTRONICS MS6864 Datasheet HTML 18Page - MOSA ELECTRONICS MS6864 Datasheet HTML 19Page - MOSA ELECTRONICS MS6864 Datasheet HTML 20Page - MOSA ELECTRONICS MS6864 Datasheet HTML 21Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
17/21
www.mosanalog.com
EXTERNAL DIMENSIONS
TSSOP16 (Thermal Pad)
E
D
C
Detail A
L
E1
A
A1
B
e
A2
y
D2
E2
L1
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.2
-
-
0.047
A1
0.00
-
0.15
0.000
-
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-
0.30
0.007
-
0.012
C
0.09
-
0.20
0.004
-
0.008
D
4.90
5.00
5.10
0.193
0.197
0.201
D2
2.4
3
0.094
0.118
E
6.4 BSC
0.252 BSC
E1
4.30
4.40
4.50
0.169
0.173
0.177
E2
2.4
3
0.094
0.118
e
0.65 BSC
0.0256 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
0.90
1.00
1.10
0.035
0.039
0.043
θ
0
o
-
8
o
0
o
-
8
o
y
-
-
0.10
-
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com