Electronic Components Datasheet Search
  English  ▼

X  

MS6891 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6891
Description  Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6891 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6891 Datasheet HTML 1Page - MOSA ELECTRONICS MS6891 Datasheet HTML 2Page - MOSA ELECTRONICS MS6891 Datasheet HTML 3Page - MOSA ELECTRONICS MS6891 Datasheet HTML 4Page - MOSA ELECTRONICS MS6891 Datasheet HTML 5Page - MOSA ELECTRONICS MS6891 Datasheet HTML 6Page - MOSA ELECTRONICS MS6891 Datasheet HTML 7Page - MOSA ELECTRONICS MS6891 Datasheet HTML 8Page - MOSA ELECTRONICS MS6891 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MOSA
MS6891
Mono 1.1W Power Amplifier with Shutdown
REV 1
5/10
www.mosanalog.com
OUTPUT POWER (W)
OUTPUT POWER (W)
FREQUENCY (Hz)
THD+N vs. output power
THD+N vs. output power
PSRR vs. frequency
f=20kHz
f=20kHz
CBP=10uF
f=1kHz
f=1kHz
CBP=1uF
f=20Hz
f=20Hz
VDD=3.3V
RL=8Ω
VDD=2.5V
RL=8Ω
VDD=6V
RL=8Ω
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
CBP=10uF
CBP=10uF
CBP=10uF
CBP=1uF
CBP=1uF
CBP=1uF
VDD=5V
RL=8Ω
VDD=3.3V
RL=8Ω
VDD=2.5V
RL=8Ω
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage
VIN=0V
No load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com