Electronic Components Datasheet Search
  English  ▼

X  

MS6891 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6891
Description  Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6891 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6891 Datasheet HTML 1Page - MOSA ELECTRONICS MS6891 Datasheet HTML 2Page - MOSA ELECTRONICS MS6891 Datasheet HTML 3Page - MOSA ELECTRONICS MS6891 Datasheet HTML 4Page - MOSA ELECTRONICS MS6891 Datasheet HTML 5Page - MOSA ELECTRONICS MS6891 Datasheet HTML 6Page - MOSA ELECTRONICS MS6891 Datasheet HTML 7Page - MOSA ELECTRONICS MS6891 Datasheet HTML 8Page - MOSA ELECTRONICS MS6891 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOSA
MS6891
Mono 1.1W Power Amplifier with Shutdown
REV 1
1/10
www.mosanalog.com
Mono 1.1W Power Amplifier with Shutdown,
Low Voltage Operation
FEATURES
Operation range: 2.5V ~ 6.5V
Shutdown Current 0.1uA at 6V
PSRR at 217Hz, 60dB at 5V
Output power, THD+N=1%
RL=8Ω, 1.5W at 6V, 1.1W at 5V, 0.4W at 3.3V, 200mW at 2.5V
Unity-gain stable
Space-saving SOP8 , MSOP8
APPLICATIONS
Portable electronic devices
PDAs
Communication headsets
Cross-reference
LM4891
DESCRIPTION
The MS6891 is a low distortion power amplifier that can drive 1.5W(6V) of continuous average power into a
mono 8Ω bridged-tied load (BTL). Operation with 2.5V supply, it can drive 200mw into a mono 8Ω. The BTL
configuration eliminates the need for external coupling capacitors on the output in most applications. The MS6891 is
unity-gain stable and can be configured by external gain-setting resistors.
The MS6891 has good feature for portable equipment, these features include the low voltage operation, micropower
consumption shutdown mode, small package SOP8, MSOP8, make the MS6891 ideally suited for use in portable
electronic equipments.
BLOCK DIAGRAM
A2
-
+
-IN
GND
VDD
BP
SHDN
Vo1
+IN
A1
-
+
Bias
control
6
1
2
3
4
8
Vo2
5
7
-
+


Similar Part No. - MS6891

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890 MOSA-MS6890 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890GTR MOSA-MS6890GTR Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890GTR MOSA-MS6890GTR Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890GU MOSA-MS6890GU Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
More results

Similar Description - MS6891

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
logo
National Semiconductor ...
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com