Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS18B20
Description  1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS18B20 Datasheet HTML 7Page - Maxim Integrated Products DS18B20 Datasheet HTML 8Page - Maxim Integrated Products DS18B20 Datasheet HTML 9Page - Maxim Integrated Products DS18B20 Datasheet HTML 10Page - Maxim Integrated Products DS18B20 Datasheet HTML 11Page - Maxim Integrated Products DS18B20 Datasheet HTML 12Page - Maxim Integrated Products DS18B20 Datasheet HTML 13Page - Maxim Integrated Products DS18B20 Datasheet HTML 14Page - Maxim Integrated Products DS18B20 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS18B20
11 of 22
SKIP ROM [CCh]
The master can use this command to address all devices on the bus simultaneously without sending out
any ROM code information. For example, the master can make all DS18B20s on the bus perform
simultaneous temperature conversions by issuing a Skip ROM command followed by a Convert T [44h]
command.
Note that the Read Scratchpad [BEh] command can follow the Skip ROM command only if there is a
single slave device on the bus. In this case, time is saved by allowing the master to read from the slave
without sending the device’s 64-bit ROM code. A Skip ROM command followed by a Read Scratchpad
command will cause a data collision on the bus if there is more than one slave since multiple devices will
attempt to transmit data simultaneously.
ALARM SEARCH [ECh]
The operation of this command is identical to the operation of the Search ROM command except that
only slaves with a set alarm flag will respond. This command allows the master device to determine if
any DS18B20s experienced an alarm condition during the most recent temperature conversion. After
every Alarm Search cycle (i.e., Alarm Search command followed by data exchange), the bus master must
return to Step 1 (Initialization) in the transaction sequence. See the Operation—Alarm Signaling section
for an explanation of alarm flag operation.
DS18B20 FUNCTION COMMANDS
After the bus master has used a ROM command to address the DS18B20 with which it wishes to
communicate, the master can issue one of the DS18B20 function commands. These commands allow the
master to write to and read from the DS18B20’s scratchpad memory, initiate temperature conversions and
determine the power supply mode. The DS18B20 function commands, which are described below, are
summarized in Table 3 and illustrated by the flowchart in Figure 12.
CONVERT T [44h]
This command initiates a single temperature conversion. Following the conversion, the resulting thermal
data is stored in the 2-byte temperature register in the scratchpad memory and the DS18B20 returns to its
low-power idle state. If the device is being used in parasite power mode, within 10
µs (max) after this
command is issued the master must enable a strong pullup on the 1-Wire bus for the duration of the
conversion (tCONV) as described in the Powering the DS18B20 section. If the DS18B20 is powered by an
external supply, the master can issue read time slots after the Convert T command and the DS18B20 will
respond by transmitting a 0 while the temperature conversion is in progress and a 1 when the conversion
is done. In parasite power mode this notification technique cannot be used since the bus is pulled high by
the strong pullup during the conversion.
WRITE SCRATCHPAD [4Eh]
This command allows the master to write 3 bytes of data to the DS18B20’s scratchpad. The first data byte
is written into the TH register (byte 2 of the scratchpad), the second byte is written into the TL register
(byte 3), and the third byte is written into the configuration register (byte 4). Data must be transmitted
least significant bit first. All three bytes MUST be written before the master issues a reset, or the data
may be corrupted.
READ SCRATCHPAD [BEh]
This command allows the master to read the contents of the scratchpad. The data transfer starts with the
least significant bit of byte 0 and continues through the scratchpad until the 9th byte (byte 8 – CRC) is
read. The master may issue a reset to terminate reading at any time if only part of the scratchpad data is
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com