Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS18B20
Description  1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS18B20 Datasheet HTML 13Page - Maxim Integrated Products DS18B20 Datasheet HTML 14Page - Maxim Integrated Products DS18B20 Datasheet HTML 15Page - Maxim Integrated Products DS18B20 Datasheet HTML 16Page - Maxim Integrated Products DS18B20 Datasheet HTML 17Page - Maxim Integrated Products DS18B20 Datasheet HTML 18Page - Maxim Integrated Products DS18B20 Datasheet HTML 19Page - Maxim Integrated Products DS18B20 Datasheet HTML 20Page - Maxim Integrated Products DS18B20 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DS18B20
17 of 22
data from the DS18B20 is valid for 15
µs after the falling edge that initiated the read time slot. Therefore,
the master must release the bus and then sample the bus state within 15
µs from the start of the slot.
Figure 15 illustrates that the sum of TINIT, TRC, and TSAMPLE must be less than 15µs for a read time slot.
Figure 16 shows that system timing margin is maximized by keeping TINIT and TRC as short as possible
and by locating the master sample time during read time slots towards the end of the 15
µs period.
Figure 15. Detailed Master Read 1 Timing
Figure 16. Recommended Master Read 1 Timing
RELATED APPLICATION NOTES
The following application notes can be applied to the DS18B20 and are available on our website at
www.maxim-ic.com.
Application Note 27: Understanding and Using Cyclic Redundancy Checks with Maxim iButton Products
Application Note 122: Using Dallas' 1-Wire ICs in 1-Cell Li-Ion Battery Packs with Low-Side N-Channel
Safety FETs Master
Application Note 126: 1-Wire Communication Through Software
Application Note 162: Interfacing the DS18x20/DS1822 1-Wire Temperature Sensor in a Microcontroller
Environment
Application Note 208: Curve Fitting the Error of a Bandgap-Based Digital Temperature Sensor
Application Note 2420: 1-Wire Communication with a Microchip PICmicro Microcontroller
Application Note 3754: Single-Wire Serial Bus Carries Isolated Power and Data
Sample 1-Wire subroutines that can be used in conjunction with Application Note 74: Reading and
Writing iButtons via Serial Interfaces can be downloaded from the Maxim website.
VPU
GND
1-WIRE BUS
15
µs
VIH of Master
TRC
TINT > 1µs
Master samples
LINE TYPE LEGEND
Bus master pulling low
Resistor pullup
VPU
GND
1-WIRE BUS
15
µs
VIH of Master
TRC =
small
TINT =
small
Master samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com