Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS83C520 Datasheet HTML 11Page - Dallas Semiconductor DS83C520 Datasheet HTML 12Page - Dallas Semiconductor DS83C520 Datasheet HTML 13Page - Dallas Semiconductor DS83C520 Datasheet HTML 14Page - Dallas Semiconductor DS83C520 Datasheet HTML 15Page - Dallas Semiconductor DS83C520 Datasheet HTML 16Page - Dallas Semiconductor DS83C520 Datasheet HTML 17Page - Dallas Semiconductor DS83C520 Datasheet HTML 18Page - Dallas Semiconductor DS83C520 Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
15 of 43
CRYSTAL-LESS PMM
A major component of power consumption in PMM is the crystal amplifier circuit. The
DS87C520/DS83C520 allow the user to switch CPU operation to an internal ring oscillator and turn off
the crystal amplifier. The CPU would then have a clock source of approximately 2MHz to 4MHz, divided
by either 4, 64, or 1024. The ring is not accurate, so software cannot perform precision timing. However,
this mode allows an additional saving of between 0.5mA and 6.0mA, depending on the actual crystal
frequency. While this saving is of little use when running at 4 clocks per instruction cycle, it makes a
major contribution when running in PMM1 or PMM2.
PMM OPERATION
Software invokes the PMM by setting the appropriate bits in the SFR area. The basic choices are divider
speed and clock source. There are three speeds (4, 64, and 1024) and two clock sources (crystal and ring).
Both the decisions and the controls are separate. Software will typically select the clock speed first. Then,
it will perform the switch to ring operation if desired. Lastly, software can disable the crystal amplifier if
desired.
There are two ways of exiting PMM. Software can remove the condition by reversing the procedure that
invoked PMM or hardware can (optionally) remove it. To resume operation at a divide-by-4 rate under
software control, simply select 4 clocks per cycle, then crystal-based operation if relevant. When
disabling the crystal as the time base in favor of the ring oscillator, there are timing restrictions associated
with restarting the crystal operation. Details are described below.
There are three registers containing bits that are concerned with PMM functions. They are Power
Management Register (PMR; C4h), Status (STATUS; C5h), and External Interrupt Flag (EXIF; 91h).
Clock Divider
Software can select the instruction cycle rate by selecting bits CD1 (PMR.7) and CD0 (PMR.6) as
follows:
CD1
CD0
CYCLE RATE
0
0
Reserved
0
1
4 clocks (default)
1
0
64 clocks
1
1
1024 clocks
The selection of instruction cycle rate will take effect after a delay of one instruction cycle. Note that the
clock divider choice applies to all functions including timers. Since baud rates are altered, it will be
difficult to conduct serial communication while in PMM. There are minor restrictions on accessing the
clock selection bits. The processor must be running in a 4-clock state to select either 64 (PMM1) or 1024
(PMM2) clocks. This means software cannot go directly from PMM1 to PMM2 or visa versa. It must
return to a 4-clock rate first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com