Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS83C520 Datasheet HTML 28Page - Dallas Semiconductor DS83C520 Datasheet HTML 29Page - Dallas Semiconductor DS83C520 Datasheet HTML 30Page - Dallas Semiconductor DS83C520 Datasheet HTML 31Page - Dallas Semiconductor DS83C520 Datasheet HTML 32Page - Dallas Semiconductor DS83C520 Datasheet HTML 33Page - Dallas Semiconductor DS83C520 Datasheet HTML 34Page - Dallas Semiconductor DS83C520 Datasheet HTML 35Page - Dallas Semiconductor DS83C520 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
32 of 43
AC ELECTRICAL CHARACTERISTICS (Note 1)
33 MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
External Oscillator
0
33
0
33
Oscillator
Frequency
External Crystal
1/tCLCL
1
33
1
33
MHz
ALE Pulse Width
tLHLL
40
1.5tCLCL-5
ns
Port 0 Address Valid to ALE Low
tAVLL
10
0.5tCLCL-5
ns
Address Hold after ALE Low
tLLAX1
(Note 2)
(Note 2)
ns
ALE Low to Valid Instruction In
tLLIV
43
2.5tCLCL-33
ns
ALE Low to PSEN Low
tLLPL
4
0.5tCLCL-11
ns
PSEN
Pulse Width
tPLPH
55
2tCLCL-5
ns
PSEN
Low to Valid Instruction In
tPLIV
37
2tCLCL-24
ns
Input Instruction Hold after PSEN
tPXIX
0
0
ns
Input Instruction Float after PSEN
tPXIZ
26
tCLCL-5
ns
Port 0 Address to Valid Instruction In
tAVIV1
59
3tCLCL-32
ns
Port 2 Address to Valid Instruction In
tAVIV2
68
3.5tCLCL-38
ns
PSEN
Low to Address Float
tPLAZ
(Note 2)
(Note 2)
ns
Note 1:
All parameters apply to both commercial and industrial temperature range operation unless otherwise noted.
Specifications to -40°C are guaranteed by design and are not production tested. AC electrical characteristics are not
100% tested, but are characterized and guaranteed by design. All signals characterized with load capacitance of 80pF
except Port 0, ALE,
PSEN, RD, and WR with 100pF. Interfacing to memory devices with float times (turn off times)
over 25ns may cause contention. This will not damage the parts, but will cause an increase in operating current.
Specifications assume a 50% duty cycle for the oscillator. Port 2 and ALE timing will change in relation to duty cycle
variation.
Note 2:
Address is driven strongly until ALE falls, and is then held in a weak latch until overdriven externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com