Electronic Components Datasheet Search
  English  ▼

X  

DS1099 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1099
Description  Low-Frequency Dual EconOscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1099 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1099 Datasheet HTML 1Page - Maxim Integrated Products DS1099 Datasheet HTML 2Page - Maxim Integrated Products DS1099 Datasheet HTML 3Page - Maxim Integrated Products DS1099 Datasheet HTML 4Page - Maxim Integrated Products DS1099 Datasheet HTML 5Page - Maxim Integrated Products DS1099 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low-Frequency Dual EconOscillator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +125°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to Ground ...........-0.5V to +6.0V
Voltage Range on OE0 and OE1
Relative to Ground.................................-0.5V to (VCC + 0.5V),
not to exceed 6.0V
Operating Temperature Range .........................-40
°C to +125°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
5.5
V
Input Logic 1 (OE0, OE1)VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (OE0, OE1)VIL
-0.3
+0.3 x
VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +125°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Supply Current
ISTBY
OE0 = OE1 = VCC
145
275
μA
1.048MHz (both)
323
4kHz (both)
146
Active Supply Current (Note 2)
ICC
CL = 15pF per output,
OE0 = OE1 = GND,
VCC = 3.3V
1Hz (both)
145
μA
High-Level Output Voltage
(OUT0, OUT1)
VOH
IOH = -1mA, VCC = MIN
2.4
V
Low-Level Output Voltage
(OUT0, OUT1)
VOL
IOL = 16mA (-40°C to +85°C)
IOL = 12mA (-40°C to +125°C)
0.4
V
High-Level Input Current
(
OE0, OE1)
IIH
VIH = VCC
+1.0
μA
Low-Level Input Current
(
OE0, OE1)
IIL
VIL = 0.0V
-1.0
μA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com