Electronic Components Datasheet Search
  English  ▼

X  

DS1099 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1099
Description  Low-Frequency Dual EconOscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1099 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1099 Datasheet HTML 1Page - Maxim Integrated Products DS1099 Datasheet HTML 2Page - Maxim Integrated Products DS1099 Datasheet HTML 3Page - Maxim Integrated Products DS1099 Datasheet HTML 4Page - Maxim Integrated Products DS1099 Datasheet HTML 5Page - Maxim Integrated Products DS1099 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low-Frequency Dual EconOscillator
_______________________________________________________________________________________
3
Note 1:
All voltages referenced to ground.
Note 2:
Active supply current combines the standby current with the output current. The output current is defined by
I = (CLOAD + 12pF ) x VCC x fOUT for each output when enabled.
Note 3:
This is the change observed in output frequency due to changes in temperature or voltage.
Note 4:
This parameter is guaranteed by design.
Note 5:
This indicates the time between power-up and the outputs becoming active.
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +125°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Master Oscillator Frequency
fMOSC
1.048
MHz
Nominal Output Frequency
fOUT0,
fOUT1
0.25
1,048,000
Hz
Output Frequency Tolerance
ΔfOUT
TA = +25°C, VCC = 4.1V
-1.0
+1.0
%
TA = +25°C
3300
ppm/V
Voltage Frequency Variation
(Note 3)
ΔfOUT
2.7V to 5.5V, TA = +25°C
-2.0
+2.5
%
Temperature Frequency Variation
ΔfOUT
(Notes 3, 4)
-100
+100
ppm/°C
Output Duty Cycle
45
55
%
Power-Up Time
tPU
(Note 5)
10
ms
Output Rise/Fall Time
tR, tF
CL = 15pF (both)
20
ns
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
CL = 15pF, TA = +25
°C
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
100
200
300
400
500
600
700
0
2.7
5.5
OUT0 = OUT1 = 1MHz
OUT0 = OUT1 = 0.25Hz
OUT0 =1MHz,
OUT1 = 0.25Hz
SUPPLY CURRENT vs. TEMPERATURE
VCC = 5.5V, CL = 15pF
TEMPERATURE (
°C)
60
35
10
-15
100
200
300
400
500
600
700
0
-40
85
OUT0 = OUT1 = 1MHz
OUT0 = OUT1 = 0.25Hz
OUT0 =1MHz,
OUT1 = 0.25Hz
SUPPLY CURRENT vs. OUTPUT LOAD
(BOTH OUTPUTS LOADED EQUALLY), TA = +25
°C
CL (pF)
40
30
20
10
0.2
0.4
0.6
0.8
1.0
1.2
0
050
VCC = 5.5V
VCC = 4.0V
VCC = 2.7V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com