Electronic Components Datasheet Search
  English  ▼

X  

DS1230AB Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1230AB
Description  256k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230AB Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1230AB Datasheet HTML 1Page - Dallas Semiconductor DS1230AB Datasheet HTML 2Page - Dallas Semiconductor DS1230AB Datasheet HTML 3Page - Dallas Semiconductor DS1230AB Datasheet HTML 4Page - Dallas Semiconductor DS1230AB Datasheet HTML 5Page - Dallas Semiconductor DS1230AB Datasheet HTML 6Page - Dallas Semiconductor DS1230AB Datasheet HTML 7Page - Dallas Semiconductor DS1230AB Datasheet HTML 8Page - Dallas Semiconductor DS1230AB Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
FEATURES
 10 years minimum data retention in the
absence of external power
 Data is automatically protected during power
loss
 Replaces 32k x 8 volatile static RAM,
EEPROM or Flash memory
 Unlimited write cycles
 Low-power CMOS
 Read and write access times of 70 ns
 Lithium energy source is electrically
disconnected to retain freshness until power is
applied for the first time
 Full
±10% V
CC operating range (DS1230Y)
 Optional
±5% V
CC operating range
(DS1230AB)
 Optional industrial temperature range of
-40
°C to +85°C, designated IND
 JEDEC standard 28-pin DIP package
 PowerCap Module (PCM) package
-
Directly surface-mountable module
-
Replaceable snap-on PowerCap provides
lithium backup battery
-
Standardized pinout for all nonvolatile
SRAM products
-
Detachment feature on PowerCap allows
easy removal using a regular screwdriver
PIN ASSIGNMENT
PIN DESCRIPTION
A0 - A14
- Address Inputs
DQ0 - DQ7
- Data In/Data Out
CE
- Chip Enable
WE
- Write Enable
OE
- Output Enable
VCC
- Power (+5V)
GND
- Ground
NC
- No Connect
DS1230Y/AB
256k Nonvolatile SRAM
www.maxim-ic.com
13
1
2
3
4
5
6
7
8
9
10
11
12
14
27
28-Pin Encapsulated Package
740-mil Extended
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
28
26
25
24
23
22
21
20
19
18
17
15
16
A12
A6
DQ2
GND
DQ4
DQ3
1
NC
2
3
NC
NC
NC
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
NC
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
NC
GND
VBAT
34-Pin PowerCap Module (PCM)
(Uses DS9034PC+ or DS9034PCI+ PowerCap)
19-5635; Rev 11/10


Similar Part No. - DS1230AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
256k Nonvolatile SRAM
19-5635; Rev 11/10
logo
Dallas Semiconductor
DS1230AB-100 DALLAS-DS1230AB-100 Datasheet
213Kb / 12P
256k Nonvolatile SRAM
DS1230AB-100-IND DALLAS-DS1230AB-100-IND Datasheet
213Kb / 12P
256k Nonvolatile SRAM
DS1230AB-100IND DALLAS-DS1230AB-100IND Datasheet
213Kb / 12P
256k Nonvolatile SRAM
DS1230AB-120 DALLAS-DS1230AB-120 Datasheet
213Kb / 12P
256k Nonvolatile SRAM
More results

Similar Description - DS1230AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
3.3V 256k Nonvolatile SRAM
DS1230Y DALLAS-DS1230Y Datasheet
213Kb / 12P
256k Nonvolatile SRAM
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
256k Nonvolatile SRAM
Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
256k Nonvolatile SRAM
19-5635; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com