Electronic Components Datasheet Search
  English  ▼

X  

DS1230AB Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1230AB
Description  256k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230AB Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1230AB Datasheet HTML 1Page - Dallas Semiconductor DS1230AB Datasheet HTML 2Page - Dallas Semiconductor DS1230AB Datasheet HTML 3Page - Dallas Semiconductor DS1230AB Datasheet HTML 4Page - Dallas Semiconductor DS1230AB Datasheet HTML 5Page - Dallas Semiconductor DS1230AB Datasheet HTML 6Page - Dallas Semiconductor DS1230AB Datasheet HTML 7Page - Dallas Semiconductor DS1230AB Datasheet HTML 8Page - Dallas Semiconductor DS1230AB Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1230Y/AB
4 of 10
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
Commercial:
0°C to +70°C
Industrial:
-40°C to +85°C
Storage Temperature Range
EDIP
-40°C to +85°C
PowerCap
-55°C to +125°C
Lead Temperature (soldering, 10s)
+260°C
Note: EDIP is wave or hand soldered only.
Soldering Temperature (reflow, PowerCap)
+260°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1230AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1230Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5% for DS1230AB)
(TA: See Note 10) (VCC = 5V ±10% for DS1230Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH ≤ VCC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
200
600
µA
Standby Current CE =VCC-0.5V
ICCS2
50
150
µA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1230AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1230Y)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
10
pF
Input/Output Capacitance
CI/O
5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com