Electronic Components Datasheet Search
  English  ▼

X  

ZL2103ALAF Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2103ALAF Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL2103ALAF Datasheet HTML 5Page - Intersil Corporation ZL2103ALAF Datasheet HTML 6Page - Intersil Corporation ZL2103ALAF Datasheet HTML 7Page - Intersil Corporation ZL2103ALAF Datasheet HTML 8Page - Intersil Corporation ZL2103ALAF Datasheet HTML 9Page - Intersil Corporation ZL2103ALAF Datasheet HTML 10Page - Intersil Corporation ZL2103ALAF Datasheet HTML 11Page - Intersil Corporation ZL2103ALAF Datasheet HTML 12Page - Intersil Corporation ZL2103ALAF Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ZL2103
9
FN6966.5
May 3, 2011
Typical Performance Curves For some applications, ZL2103 operating conditions (input voltage, output voltage, switching
frequency, temperature) may require de-rating to remain within the Safe Operating Area (SOA). VIN = VDDP = VDDS, TJ = +125°C.
FIGURE 5. LOW-SIDE rDS(ON) vs TJ NORMALIZED FOR
TJ = +25°C (VDDS = 12V, IDRAIN = 0.3A)
FIGURE 6. HIGH-SIDE rDS(ON) vs TJ NORMALIZED FOR
TJ = +25°C (VDDS = 12V, BST – SW = 6.5V,
IDRAIN = 0.3A)
FIGURE 7. LOW-SIDE rDS(ON) vs VDDS WITH TJ
FIGURE 8. MAXIMUM CONVERSION RATIO,
TJ ≤ +125°C
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
25
50
75
100
TJ (°C)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
255075
100
TJ (°C)
40
45
50
55
60
65
70
6
7
8
9
10
11
12
13
VDDS (V)
TJ = +110°C
TJ = +80°C
TJ = +50°C
TJ = +25°C
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
fSW (MHz)
VOUT MAY NOT EXCEED
5.5V AT ANY TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com