Electronic Components Datasheet Search
  English  ▼

X  

ZL2103ALAF Datasheet(PDF) 1 Page - Intersil Corporation

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2103ALAF Datasheet(HTML) 1 Page - Intersil Corporation

  ZL2103ALAF Datasheet HTML 1Page - Intersil Corporation ZL2103ALAF Datasheet HTML 2Page - Intersil Corporation ZL2103ALAF Datasheet HTML 3Page - Intersil Corporation ZL2103ALAF Datasheet HTML 4Page - Intersil Corporation ZL2103ALAF Datasheet HTML 5Page - Intersil Corporation ZL2103ALAF Datasheet HTML 6Page - Intersil Corporation ZL2103ALAF Datasheet HTML 7Page - Intersil Corporation ZL2103ALAF Datasheet HTML 8Page - Intersil Corporation ZL2103ALAF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
3A Digital-DC Synchronous Step-Down DC/DC
Converter
ZL2103
The ZL2103 is an innovative power conversion and
management IC that combines an integrated synchronous
step-down DC/DC converter with key power management
functions in a small package, resulting in a flexible and
integrated solution.
The ZL2103 can provide an output voltage from 0.54V to 5.5V
(with margin) from an input voltage between 4.5V and 14V.
Internal low rDS(ON) synchronous power MOSFETs enable the
ZL2103 to deliver continuous loads up to 3A with high
efficiency. An internal Schottky bootstrap diode reduces
discrete component count. The ZL2103 also supports phase
spreading to reduce system input capacitance.
Power management features such as digital soft-start delay
and ramp, sequencing, tracking, and margining can be
configured by simple pin-strapping or through an on-chip serial
port. The ZL2103 uses the PMBus™ protocol for
communication with a host controller and the Digital-DC bus
for interoperability between other Zilker Labs devices.
Features
• Integrated MOSFET switches
• 3A continuous output current
• ±1% output voltage accuracy
• Snapshot™ parametric capture
•I2C/SMBus interface, PMBus compatible
• Internal non-volatile memory (NVM)
Applications*(see page 27)
• Telecom, Networking, Storage equipment
• Test and Measurement equipment
• Industrial control equipment
• 5V and 12V distributed power systems
Related Literature
• See AN2010 “Thermal and Layout Guidelines for Digital-
DC™ Products”
• See AN2033 “Zilker Labs PMBus Command Set-DDC
Products PMBus Command Set”
• See AN2035 “Compensation Using CompZL™”
FIGURE 1. ZL2103 EFFICIENCY
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 12V
fSW = 200kHz
L = 6µH
VOUT = 3.3V
IOUT (A)
May 3, 2011
FN6966.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2009-2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ZL2103ALAF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2103ALAF RENESAS-ZL2103ALAF Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2103ALAFT RENESAS-ZL2103ALAFT Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2103ALAFTK RENESAS-ZL2103ALAFTK Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
More results

Similar Description - ZL2103ALAF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Global Mixed-mode Techn...
G5671 GMT-G5671 Datasheet
79Kb / 1P
3A Synchronous Step-Down DC/DC
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Renesas Technology Corp
ZL2103 RENESAS-ZL2103 Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com