Electronic Components Datasheet Search
  English  ▼

X  

PC9D17 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC9D17
Description  High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D17 Datasheet(HTML) 1 Page - Sharp Corporation

  PC9D17 Datasheet HTML 1Page - Sharp Corporation PC9D17 Datasheet HTML 2Page - Sharp Corporation PC9D17 Datasheet HTML 3Page - Sharp Corporation PC9D17 Datasheet HTML 4Page - Sharp Corporation PC9D17 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
s Features
s Absoulte Maximum Ratings
( Ta = 25˚C)
*3 For 10 seconds
s Outline Dimensions
( Unit : mm)
PC9D17
1. Built-in 2-channel
2. High speed response
( tPHL , t PLH
L
= 1.9k
Ω )
CM H
4. Standard dual-in-line package
PC9D17
Symbol
Rating
Unit
IF
25
mA
V R
5V
P45
mW
V CC
- 0.5 to + 15
V
V O
- 0.5 to + 15
V
IO
8mA
P O
35
mW
- 55 to + 100
˚C
- 55 to + 125
˚C
260
˚C
*1 Each channel
PC9D17
θ
Internal connection
diagram
12
3
4
5
6
7
8
1234
5
6
7
8
1 4 Anode
2 3 Cathode
5 GND
V iso
T opr
T stg
T sol
Parameter
Input
*1 Forward current
*1 Reverse voltage
*1 Power dissipation
Output
Supply voltage
*1 Output voltage
*1 Output current
*1 Power dissipation
*2 Isolation voltage
Operating temperature
Storage temperature
*3Soldering temperature
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
High Speed, High Common
Mode Rejection, 2-channel
OPIC Photocoupler
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
s Applications
3. High instantaneous common mode rejection
voltage
1. Electronic calculators, measuring instruments
2. Digital audio equipment
3. High speed receivers
4. Switching regulators
: TYP. 0.3
µ s at R
: TYP. 1kV/
µ s
5. Recognized by UL, file No. E64380
Primary side mark
(Sunken place)
2 500
*2 40 to 60% RH, AC for 1 minute
g Lead forming type ( I type ) and taping reel type
( P type ) are also available. ( PC9D17I/PC9D17P)
V rms
6 V 02
7 V 01
8 VCC
θ : 0 to 13 ˚
0.8 ± 0.2
2.54 ± 0.25
1.2 ± 0.3
0.85 ± 0.3
9.22 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1


Similar Part No. - PC9D17

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
Ultra-high Speed Response, 2-channel OPIC Photocoupler
More results

Similar Description - PC9D17

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
High Speed and High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC457L0NIP SHARP-PC457L0NIP Datasheet
49Kb / 5P
High Speed and High CMR ∗OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com