Electronic Components Datasheet Search
  English  ▼

X  

PC9D17 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC9D17
Description  High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D17 Datasheet(HTML) 5 Page - Sharp Corporation

  PC9D17 Datasheet HTML 1Page - Sharp Corporation PC9D17 Datasheet HTML 2Page - Sharp Corporation PC9D17 Datasheet HTML 3Page - Sharp Corporation PC9D17 Datasheet HTML 4Page - Sharp Corporation PC9D17 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PC9D17
Frequency f ( MHz )
-20
-15
-10
-5
0
-25
-30
0.1
0.2
0.5
1
2
5
10
220
Ω
470
Ω
1k
Ω
Fig.13 Frequency Response
2
3
1
4
8
7
6
5
15V
VO
560
Ω
5V
AC
Input
20k
Ω
RL
1.6V DC
0.25VP - PAC
Test Circuit for Frequency Response
( 2) Transistor of detector side in bipolar configuration is apt to be affected by static electricity
s Precautions for Use
IF = 16mA
T a= 25˚C
RL= 100 Ω
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V
CC
and
GND near the device in order to stabilize power supply line.
should be taken to avoid breakdown of devices or degradation of characteristics.
for its minute design. When handling them, general counterplan against static electricity
( 3) As for other general cautions, refer to the chapter “Precautions for Use ”.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com