Electronic Components Datasheet Search
  English  ▼

X  

DS1245AB Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1245AB
Description  1024k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245AB Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1245AB Datasheet HTML 1Page - Dallas Semiconductor DS1245AB Datasheet HTML 2Page - Dallas Semiconductor DS1245AB Datasheet HTML 3Page - Dallas Semiconductor DS1245AB Datasheet HTML 4Page - Dallas Semiconductor DS1245AB Datasheet HTML 5Page - Dallas Semiconductor DS1245AB Datasheet HTML 6Page - Dallas Semiconductor DS1245AB Datasheet HTML 7Page - Dallas Semiconductor DS1245AB Datasheet HTML 8Page - Dallas Semiconductor DS1245AB Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS1245Y/AB
5 of 10
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5% for DS1245AB)
(TA: See Note 10) (VCC = 5V ±10% for DS1245Y)
PARAMETER
SYMBOL
DS1245AB-70
DS1245Y-70
UNITS
NOTES
MIN
MAX
Read Cycle Time
tRC
70
ns
Access Time
tACC
70
ns
OE
to Output Valid
tOE
35
ns
CE
to Output Valid
tCO
70
ns
OE
or CE to Output Active
tCOE
5
ns
5
Output High Z from Deselection
tOD
25
ns
5
Output Hold from Address Change
tOH
5
ns
Write Cycle Time
tWC
70
ns
Write Pulse Width
tWP
55
ns
3
Address Setup Time
tAW
0
ns
Write Recovery Time
tWR1
tWR2
5
15
ns
ns
12
13
Output High Z from WE
tODW
25
ns
5
Output Active from WE
tOEW
5
ns
5
Data Setup Time
tDS
30
ns
4
Data Hold Time
tDH1
tDH2
0
10
ns
ns
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com