Electronic Components Datasheet Search
  English  ▼

X  

DS1245AB Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1245AB
Description  1024k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245AB Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1245AB Datasheet HTML 2Page - Dallas Semiconductor DS1245AB Datasheet HTML 3Page - Dallas Semiconductor DS1245AB Datasheet HTML 4Page - Dallas Semiconductor DS1245AB Datasheet HTML 5Page - Dallas Semiconductor DS1245AB Datasheet HTML 6Page - Dallas Semiconductor DS1245AB Datasheet HTML 7Page - Dallas Semiconductor DS1245AB Datasheet HTML 8Page - Dallas Semiconductor DS1245AB Datasheet HTML 9Page - Dallas Semiconductor DS1245AB Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1245Y/AB
9 of 10
13. tWR1 and tDH1 are measured from WE going high.
14. tWR2 and tDH2 are measured from CE going high.
15. DS1245 modules are recognized by Underwriters Laboratories (UL) under file E99151.
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs Open
Output Load: 100 pF + 1TTL Gate
Cycle = 200 ns for operating current
Input Pulse Levels: 0 - 3.0V
All voltages are referenced to ground
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5 ns
ORDERING INFORMATION
PART
TEMP RANGE
SUPPLY
TOLERANCE
PIN-PACKAGE
SPEED GRADE
(ns)
DS1245AB-70+
0°C to +70°C
5V
± 5%
32 740 EDIP
70
DS1245ABP-70+
0°C to +70°C
5V
± 5%
34 PowerCap*
70
DS1245AB-70IND+
-40°C to +85°C
5V
± 5%
32 740 EDIP
70
DS1245ABP-70IND+
-40°C to +85°C
5V
± 5%
34 PowerCap*
70
DS1245Y-70+
0°C to +70°C
5V
± 10%
32 740 EDIP
70
DS1245YP-70+
0°C to +70°C
5V
± 10%
34 PowerCap*
70
DS1245Y-70IND+
-40°C to +85°C
5V
± 10%
32 740 EDIP
70
DS1245YP-70IND+
-40°C to +85°C
5V
± 10%
34 PowerCap*
70
+Denotes a lead(Pb)-free/RoHS-compliant package.
*DS9034PC+ or DS9034PCI+ (PowerCap) required. Must be ordered separately.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix
character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
32 EDIP
MDT32+6
21-0245
—
34 PCAP
PC2+3
21-0246
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com