Electronic Components Datasheet Search
  English  ▼

X  

DS5000FP Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 12Page - Dallas Semiconductor DS5000FP Datasheet HTML 13Page - Dallas Semiconductor DS5000FP Datasheet HTML 14Page - Dallas Semiconductor DS5000FP Datasheet HTML 15Page - Dallas Semiconductor DS5000FP Datasheet HTML 16Page - Dallas Semiconductor DS5000FP Datasheet HTML 17Page - Dallas Semiconductor DS5000FP Datasheet HTML 18Page - Dallas Semiconductor DS5000FP Datasheet HTML 19Page - Dallas Semiconductor DS5000FP Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DS5000FP
16 of 22
AC CHARACTERISTICS: PARALLEL PROGRAM LOAD TIMING
(VCC = 5V
±5%, TA = 0°C to +70°C.)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
40
Oscillator Frequency
1/tCLK
1.0
12.0
MHz
41
Address Setup to PROG Low
tAVPRL
0
42
Address Hold after PROG High
tPRHAV
0
43
Data Setup to PROG Low
tDVPRL
0
44
Data Hold after PROG High
tPRHDV
0
45
P2.7, 2.6, 2.5 Setup to VPP
tP27HVP
0
46
VPP Setup to PROG Low
tVPHPRL
0
47
VPP Hold after PROG Low
tPRHVPL
0
48
PROG
Width Low
tPRW
2400
tCLK
49
Data Output from Address Valid
tAVDV
48
(1800*)
tCLK
50
Data Output from P2.7 Low
tDVP27L
48
(1800*)
tCLK
51
Data Float after P2.7 High
tP27HDZ
0
48
(1800*)
tCLK
52
Delay to Reset/ PSEN Active after Power-On
tPORPV
21,504
tCLK
53
Reset/ PSEN Active (or Verify Inactive) to VPP
High
tRAVPH
1200
tCLK
54
VPP Inactive (Between Program Cycles)
tVPPPC
1200
tCLK
55
Verify Active Time
tVFT
48
(2400*)
tCLK
*Second set of numbers refers to expanded memory programming up to 32kBytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com