Electronic Components Datasheet Search
  English  ▼

X  

MAX997ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX997ESA Datasheet HTML 1Page - Maxim Integrated Products MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted. TMIN to TMAX is -40°C to +85°C for all
E grade devices. For MAX999AAUK only, TMIN to TMAX is -40°C to +125°C.) (Note 1)
TA = +25°C
TMIN to TMAX
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
µMAX, SOT23
0.1
0.3
1.0
Common-Mode Rejection
Ratio
CMRR
VCC = 5V,
VCM = -0.1V
to 5.1V
(Note 5)
All other E
packages
0.1
0.3
0.5
mV/V
Power-Supply Rejection
Ratio
PSRR
VCM = 0V (Note 6)
0.05
0.3
0.3
mV/V
E grade
VCC -
0.52
VCC -
0.52
Output High Voltage
VOH
ISOURCE =
4mA
MAX999AAUK
VCC -
0.52
VCC -
0.55
V
E grade
0.52
0.52
Output Low Voltage
VOL
ISINK = 4mA
MAX999AAUK
0.52
0.55
V
Capacitive Slew Current
VOUT = 1.4V, VCC = 2.7V
30
60
mA
Output Capacitance
4
pF
MAX961/MAX963, VCC = 5V
7.2
11
11
MAX962/MAX964, VCC = 5V
5
8
9
MAX997/MAX999E, VCC = 5V
5
6.5
6.5
Supply Current per
Comparator
ICC
MAX999AAUK, VCC = 5V
5
6.5
7.0
mA
Shutdown Supply Current
per Comparator
ISHDN
MAX961/MAX963/MAX964/
MAX997, VCC = 5V
0.27
0.5
0.5
mA
Shutdown Output Leakage
Current
MAX961/MAX963/MAX964/
MAX997, VOUT = 5V and
VCC - 5V
120
µA
Rise/Fall Time
tR, tF
VCC = 5V
2.3
ns
Logic-Input High
VIH
VCC/2
+ 0.4
VCC/2
+ 0.4
V
Logic-Input Low
VIL
VCC/2
- 0.4
VCC/2
- 0.4
V
Logic-Input Current
IIL, IIH
VLOGIC = 0V or VCC
±15
±30
µA
E grade
4.5
7.0
8.5
Propagation Delay
tPD
5mV
overdrive
(Note 7)
MAX999AAUK
4.5
7.0
10
ns
Differential Propagation
Delay
tPD
Between any two channels or
outputs (Q/
Q)
0.3
ns
Propagation-Delay Skew
tSKEW
Between tPD- and tPD+
0.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com