Electronic Components Datasheet Search
  English  ▼

X  

MAX997ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX997ESA Datasheet HTML 1Page - Maxim Integrated Products MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
4
_______________________________________________________________________________________
Note 1: The MAX961EUA/MAX962EUA/MAX997EUA/MAX999EUK are 100% production tested at TA = +25°C; all temperature specifica-
tions are guaranteed by design.
Note 2: Inferred by CMRR. Either input can be driven to the absolute maximum limit without false output inversion, provided that the other
input is within the input voltage range.
Note 3: The input-referred trip points are the extremities of the differential input voltage required to make the comparator output change
state. The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis zone. (See
Figure 1.)
Note 4: Input offset voltage is defined as the mean of the trip points.
Note 5: CMRR = (VOSL - VOSH) / 5.2V, where VOSL is the offset at VCM = -0.1V and VOSH is the offset at VCM = 5.1V.
Note 6: PSRR = (VOS2.7 - VOS5.5) / 2.8V, where VOS2.7 is the offset voltage at VCC = 2.7V, and VOS5.5 is the offset voltage at
VCC = 5.5V.
Note 7: Propagation delay for these high-speed comparators is guaranteed by design characterization because it cannot be accurately
measured using automatic test equipment. A statistically significant sample of devices is characterized with a 200mV step and
100mV overdrive over the full temperature range. Propagation delay can be guaranteed by this characterization, since DC tests
ensure that all internal bias conditions are correct. For low overdrive conditions, VTRIP is added to the overdrive.
Note 8: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted. TMIN to TMAX is -40°C to +85°C for all
E grade devices. For MAX999AAUK only, TMIN to TMAX is -40°C to +125°C.) (Note 1)
TA = +25°C
TMIN to TMAX
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Data-to-Latch Setup Time
tSU
MAX961/MAX963 (Note 8)
5
5
ns
Latch-to-Data Hold Time
tH
MAX961/MAX963 (Note 8)
5
5
ns
Latch Pulse Width
tLPW
MAX961/MAX963 (Note 8)
5
5
ns
Latch Propagation Delay
tLPD
MAX961/MAX963 (Note 8)
10
10
ns
Shutdown Time
tOFF
Delay until output is high-Z
(> 10k
Ω)
150
ns
Shutdown Disable Time
tON
Delay until output is valid
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com