Electronic Components Datasheet Search
  English  ▼

X  

MAX5487 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5487
Description  Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5487 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5487 Datasheet HTML 1Page - Maxim Integrated Products MAX5487 Datasheet HTML 2Page - Maxim Integrated Products MAX5487 Datasheet HTML 3Page - Maxim Integrated Products MAX5487 Datasheet HTML 4Page - Maxim Integrated Products MAX5487 Datasheet HTML 5Page - Maxim Integrated Products MAX5487 Datasheet HTML 6Page - Maxim Integrated Products MAX5487 Datasheet HTML 7Page - Maxim Integrated Products MAX5487 Datasheet HTML 8Page - Maxim Integrated Products MAX5487 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MAX5488 Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
WEBSITE
AVX Corp.
843-946-0238
www.avxcorp.com
KEMET Corp.
864-963-6300
www.kemet.com
Murata Mfg. Co., Ltd.
770-436-1300
www.murata.com
Panasonic Corp.
800-344-2112
www.panasonic.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
Note: Indicate that you are using the MAX5488 when contacting these component suppliers.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
Y2
1
20MHz crystal
SunTsu SCD20B-20.000MHZ-I
Citizen HCM49-20.000MABJ-UT
Y3
0
Not installed, 32.768kHz crystal
Y4
1
6MHz crystal
Citizen HCM49-6.000MABJ-UT
SunTsu SCD22B-6.000MHZ-I
—4
Bumps
3M SJ-5003BK
—
1
Shunt (JU1)
—1
Maxim sample box containing three
ICs MAX5488ETE#G16
(16-pin thin QFN-EP)
—1
USB high-speed A-to-B cables 5ft
(1.5m)
—
1
PCB: MAX5488 Evaluation Kit#
DESIGNATION
QTY
DESCRIPTION
R9, R10, R11
0
Not installed, resistors (0603)
R12–R16
0
Not installed, resistors—short by PC
trace (0402)
U1
1
MAX5488SOCKET (16-pin thin QFN-
EP, 3mm x 3mm)
Plastronics 16QN50K23030
U2
1
MAX3390EEUD+ (14-pin TSSOP)
U4
1
MAXQ2000-RAX+ (68-pin QFN-EP,
10mm x 10mm)
U5
1
USB UART
FTDI FT232BL (32-pin TQFP,
7mm x 7mm)
U6
1
93C46 type 3-wire EEPROM
Atmel AT93C46A-10SU-2.7
(8-pin SO)
U7
1
MAX8511EXK25+ LDO regulator
(5-pin SC70)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com