Electronic Components Datasheet Search
  English  ▼

X  

MAX5487 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5487
Description  Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5487 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5487 Datasheet HTML 2Page - Maxim Integrated Products MAX5487 Datasheet HTML 3Page - Maxim Integrated Products MAX5487 Datasheet HTML 4Page - Maxim Integrated Products MAX5487 Datasheet HTML 5Page - Maxim Integrated Products MAX5487 Datasheet HTML 6Page - Maxim Integrated Products MAX5487 Datasheet HTML 7Page - Maxim Integrated Products MAX5487 Datasheet HTML 8Page - Maxim Integrated Products MAX5487 Datasheet HTML 9Page - Maxim Integrated Products MAX5487 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MAX5488 Evaluation Kit
6
_______________________________________________________________________________________
Figure 2a. MAX5488 EV Kit Schematic (Sheet 1 of 3)
MAX5488SOCKET
U1
(16QN50K23030)
13
LA
14
WA
15
HA
LA
1
3
WA
C1
0.1
μF
HA
16
I.C.
2
JU1
8
I.C.
7
GND
6
R7
470
Ω
D1
N.C.
5
N.C.
12
11
10
9
1234
VDD
SCLK
VDD
DIN
CS
HB
WB
LB
N.C.
MAX3390
U2
1
VL
2
OVL1
3
IVL2
4
IVL3
14
VCC
13
IVCC1
12
OVCC2
11
OVCC3
5
IVL4
6
N.C.
7
GND
10
OVCC4
9
N.C.
6
THREE-STATE
HA
H1-1
H1
1 x 4 HEADER
C2
OPEN
USB +5V
VDD
VDDIO
VDD
VDDIO
VDD
DGND
R8
0
Ω
HA
GND
R9
OPEN
R10
OPEN
R11
OPEN
MAXQ_MISO
MAXQ_SCLK
MAXQ_MOSI
MAXQ_CS
H1-2
WA
H1-3
LA
H1-4
WA
LA
HB
H2-1
H2
1 x 4 HEADER
HB
H2-2
WB
H2-3
LB
H2-4
J2-3
J2-4
J2-5
J2-1
J2-2
J2-6
J2-7
J2-8
J2-9
J2-10
J2-11
J2-12
WB
LB
J2
DUT_SCLK
DUT_MOSI
DUT_CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com