Electronic Components Datasheet Search
  English  ▼

X  

MAX6029ESA41 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6029ESA41
Description  Ultra-Low-Power Precision Series Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029ESA41 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6029ESA41 Datasheet HTML 3Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 4Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 5Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 6Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 7Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 8Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 9Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 10Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ultra-Low-Power Precision Series
Voltage Reference
_______________________________________________________________________________________
7
Note 1: MAX6029 is 100% production tested at TA = +25°C and is guaranteed by design for TA = TMIN to TMAX as specified.
Note 2: Temperature coefficient is defined by box method: (VMAX - VMIN)/(
∆T ✕ V+25°C).
Note 3: Not production tested. Guaranteed by design.
Note 4: Thermal hysteresis is defined as the change in TA = +25°C output voltage before and after temperature cycling of the
device (from TA = TMIN to TMAX). Initial measurement at TA = +25°C is followed by temperature cycling the device to TA =
+85°C then to TA = -40°C and another measurement at TA = +25°C is compared to the original measurement at TA = +25°C.
Note 5: Dropout voltage is the minimum input voltage at which VOUT changes by 0.1% from VOUT at rated VIN and is guaranteed by
Load Regulation Test.
ELECTRICAL CHARACTERISTICS—MAX6029_50 (VOUT = 5.000V)
(VIN = 5.2V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage
VOUT
TA = +25
°C
4.9925
5.0000
5.0075
V
Output Voltage Temperature
Coefficient
TCVOUT
(Notes 2, 3)
30
ppm/
°C
Line Regulation
∆VOUT/∆VIN VIN = 5.2V to 12.6V
34
375
µV/V
IOUT = 0 to 4mA
0.3
0.8
Load Regulation
∆VOUT/
∆IOUT
IOUT = 0 to -1mA
3.3
9
µV/µA
IOUT = 0
100
Dropout Voltage (Note 5)
VIN - VOUT
IOUT = 4mA
200
mV
Output Short-Circuit Current
ISC
60
mA
Long-Term Stability
∆VOUT/time 1000 hours at +25°C
150
ppm
Thermal Hysteresis
(Note 4)
140
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
90
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
245
µVRMS
Ripple Rejection
∆VOUT/∆VIN VIN = 5.2V ±200mV, f = 120Hz
38
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value
1.4
ms
INPUT
Supply Voltage Range
VIN
5.2
12.6
V
Supply Current
IIN
10.5
µA
Change in Supply Current
IIN/VIN
VIN = 5.2V to 12.6V
1.5
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com