Electronic Components Datasheet Search
  English  ▼

X  

MAX6029ESA41 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6029ESA41
Description  Ultra-Low-Power Precision Series Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029ESA41 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6029ESA41 Datasheet HTML 1Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 2Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 3Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 4Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 5Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 6Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 7Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 8Page - Maxim Integrated Products MAX6029ESA41 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ultra-Low-Power Precision Series
Voltage Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6029_30 (VOUT = 3.000V)
(VIN = 3.2V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage
VOUT
TA = +25
°C
2.9955
3.0000
3.0045
V
Output Voltage Temperature
Coefficient
TCVOUT
(Notes 2, 3)
30
ppm/
°C
Line Regulation
∆VOUT/∆VIN VIN = 3.2V to 12.6V
15
250
µV/V
IOUT = 0 to 4mA
0.1
0.6
Load Regulation
∆VOUT/
∆IOUT
IOUT = 0 to -1mA
2.4
6.5
µV/µA
IOUT = 0
100
Dropout Voltage (Note 5)
VIN - VOUT
IOUT = 4mA
200
mV
Output Short-Circuit Current
ISC
60
mA
Long-Term Stability
∆VOUT/time 1000 hours at +25°C
150
ppm
Thermal Hysteresis
(Note 4)
140
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
39
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
161
µVRMS
Ripple Rejection
∆VOUT/∆VIN VIN = 3.2V ±200mV, f = 120Hz
37
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value
775
µs
INPUT
Supply Voltage Range
VIN
3.2
12.6
V
Supply Current
IIN
6.75
µA
Change in Supply Current
IIN/VIN
VIN = 3.2V to 12.6V
1.5
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com