Electronic Components Datasheet Search
  English  ▼

X  

PQ3RF23 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ3RF23
Description  3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF23 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ3RF23 Datasheet HTML 1Page - Sharp Corporation PQ3RF23 Datasheet HTML 2Page - Sharp Corporation PQ3RF23 Datasheet HTML 3Page - Sharp Corporation PQ3RF23 Datasheet HTML 4Page - Sharp Corporation PQ3RF23 Datasheet HTML 5Page - Sharp Corporation PQ3RF23 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ3RF23/PQ3RF33
s Features
¡3.3V output
¡High output current
2A type : PQ3RF23
3.5A type : PQ3RF33
¡Compact resin full-mold package (TO-220 package)
¡Low power-loss (Dropout voltage : MAX. 0.5V)
¡High-precision output voltage type
Output voltage precision :
±2.5%
¡Built-in ON/OFF control function
¡Built-in overcurrent protection, overheat protection function
s Applications
¡Power supplies for various electronic equipment such as
personal computers
s Outline Dimensions
PQ3RF23/PQ3RF33
(Unit : mm)
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
10
10
18
150
-20 to +80
-40 to +150
260(For 10s.)
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation (No heat sink)
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*1 All are open except GND and applicable terminals.
*2 Overheat protection may operate at 125=<Tj=<150˚C.
s Absolute Maximum Ratings
2
3.5
1.5
1.8
PQ3RF23
PQ3RF33
PQ3RF23
PQ3RF33
(Ta=25˚C)
PQ3RF23
2
3
1
4
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(1.5)
(0.5)
q
1
q
2
q
3
q
4
1 DC input (VIN)
2 DC output (VO)
3 GND
4 ON/OFF control
terminal (VC)
Control circuit
Internal connection diagram
· Please refer to the chapter“ Handling Precautions ”.


Similar Part No. - PQ3RF23

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
More results

Similar Description - PQ3RF23

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
2A Output, Low Power-Loss Voltage Regulators
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
2A Output, Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
TO-220 Type,2A Output Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com