Electronic Components Datasheet Search
  English  ▼

X  

PQ3RF23 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ3RF23
Description  3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF23 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ3RF23 Datasheet HTML 1Page - Sharp Corporation PQ3RF23 Datasheet HTML 2Page - Sharp Corporation PQ3RF23 Datasheet HTML 3Page - Sharp Corporation PQ3RF23 Datasheet HTML 4Page - Sharp Corporation PQ3RF23 Datasheet HTML 5Page - Sharp Corporation PQ3RF23 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Power-Loss Voltage Regulators
-25
0
0
0.1
0.2
0.3
0.4
0.5
25
50
75
100
125
IO=3.5A
IO=3.0A
IO=1.0A
IO=2.0A
Junction temperature Tj (˚C)
-25
0
0
0.1
0.2
0.3
0.4
0.5
25
50
75
100
125
IO=2.0A
IO=1.5A
IO=0.5A
IO=1.0A
Junction temperature Tj (˚C)
12
34
56
7
8
RL=
∞
RL=0.94
Ω
RL=1.65
Ω
RL=3.3
Ω
0
50
100
Tj=25˚C
Input voltage VIN (V)
12
34
56
7
8
RL=
∞
RL=1.65
Ω
RL=3.3
Ω
0
50
100
Tj=25˚C
Input voltage VIN (V)
Fig.11 Circuit Operating Current vs. Input
Voltage
Fig.13 Dropout Voltage vs. Junction
Temperature
Fig.12 Circuit Operating Current vs. Input
Voltage
Fig.14 Dropout Voltage vs. Junction
Temperature
(PQ3RF23)
(PQ3RF33)
(PQ3RF23)
(PQ3RF33)
PQ3RF23/PQ3RF33
0
1
2
3
4
5
-25
0
25
50
75
100
125
VIN=5V
IO=0A
Junction temperature Tj (˚C)
0
1
2
3
4
5
-25
0
25
50
75
100
125
VIN=5V
IO=0A
Junction temperature Tj (˚C)
Fig.15 Quiescent Current vs. Junction
Temperature
Fig.16 Quiescent Current vs. Junction
Temperature
(PQ3RF23)
(PQ3RF33)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com