Electronic Components Datasheet Search
  English  ▼

X  

PT460 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT460
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT460 Datasheet(HTML) 1 Page - Sharp Corporation

  PT460 Datasheet HTML 1Page - Sharp Corporation PT460 Datasheet HTML 2Page - Sharp Corporation PT460 Datasheet HTML 3Page - Sharp Corporation PT460 Datasheet HTML 4Page - Sharp Corporation PT460 Datasheet HTML 5Page - Sharp Corporation PT460 Datasheet HTML 6Page - Sharp Corporation PT460 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PT460/PT460F/PT461/PT461F/PT465F
PT460/PT460F/PT461
PT461F/PT465F
s Features
s Outline Dimensions
s Absolute Maximum Ratings
1. Compact double-end type package
s Applications
1. Floppy disk drives
2. VCRs
3. Audio equipment
*3 For 3 seconds at the position of 2.5mm from the edge of resin package
5 ˚
5 ˚
5 ˚
5 ˚
0.7
0.4
0.4
0.5
R1.0
g 2 Marking
1.5
0.25
1.0
R1.0
5 ˚
5 ˚
5 ˚
5 ˚
g 2
PT460
-
PT460F
-
-
PT461
PT461F
Red
PT465F
Yellow
( Ta = 25˚C)
*1 PT460/460F/465F
*2 PT461/461F
PT460
PT460F
PT465F
PT461
PT461F
2
2
1
1
1 Emitter
2 Collector
2
1
g 1 Epoxy resin
R0.3
Duble-end Type
Phototransistor
( Unit : mm)
Parameter
Symbol
Rating
Unit
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
*1
IC
20
mA
50
*2
Collector power dissipation
*1
PC
50
mW
100
*2
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*3Soldering temperature
T sol
260
˚C
3. Visible light cut-off type
( PT460F / PT461F / 465F )
g1 Epoxy resin
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
2. Taping package ( 2 000pcs. /reel ) ( PT xxx T )
Transparent resin
Visible light cut-off resin (black )
Light blue transparent resin
Visible light cut-off resin (black )
Visible light cut-off resin (black )
2.6MAX.
2.5± 0.2


Similar Part No. - PT460

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4600 SHARP-PT4600 Datasheet
61Kb / 5P
Double Ended Mold Type Phototransistors
PT4600F SHARP-PT4600F Datasheet
61Kb / 5P
Double Ended Mold Type Phototransistors
More results

Similar Description - PT460

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4800 SHARP-PT4800 Datasheet
78Kb / 6P
Thin Type Phototransistor
PT360 SHARP-PT360 Datasheet
98Kb / 3P
COMPACT TYPE PHOTOTRANSISTOR
logo
BRIGHT LED ELECTRONICS ...
BPT-BP0934 BRIGHT-BPT-BP0934 Datasheet
192Kb / 3P
END- LOOK PACKAGE PHOTOTRANSISTOR
BPT-BP2334 BRIGHT-BPT-BP2334 Datasheet
192Kb / 3P
END- LOOK PACKAGE PHOTOTRANSISTOR
BPT-BP2934 BRIGHT-BPT-BP2934 Datasheet
90Kb / 2P
END- LOOK PACKAGE PHOTOTRANSISTOR
BPT-RP4APK BRIGHT-BPT-RP4APK Datasheet
193Kb / 3P
END- LOOK PACKAGE PHOTOTRANSISTOR
logo
CT Micro International ...
PTC93528T19 CTMICRO-PTC93528T19 Datasheet
876Kb / 9P
SMD Type Phototransistor
Rev 0 Jul, 2015
PTP73010T20 CTMICRO-PTP73010T20 Datasheet
952Kb / 10P
SMD Type Phototransistor
Rev 3 Jun, 2018
PTP81608T08 CTMICRO-PTP81608T08 Datasheet
1,002Kb / 10P
SMD Type Phototransistor
Rev 0 Jan, 2019
PTP81708T06 CTMICRO-PTP81708T06 Datasheet
906Kb / 10P
SMD Type Phototransistor
Rev 0 Sep, 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com